| Electronic Components Datasheet Search |
|
C165 Datasheet(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C165 Datasheet(HTML) 25 Page - Infineon Technologies AG |
|
25 / 77 page ![]() C165 Data Sheet 21 V2.0, 2000-12 Figure 6 Block Diagram of GPT1 With its maximum resolution of 8 TCL, the GPT2 module provides precise event control and time measurement. It includes two timers (T5, T6) and a capture/reload register (CAPREL). Both timers can be clocked with an input clock which is derived from the CPU clock. The count direction (up/down) for each timer is programmable by software. Concatenation of the timers is supported via the output toggle latch (T6OTL) of timer T6, which changes its state on each timer overflow/underflow. The state of this latch may be used to clock timer T5 and/or it may be output on pin T6OUT. The overflows/underflows of timer T6 can cause a reload from the CAPREL register. The CAPREL register may capture the contents of timer T5 based on an external signal transition on the corresponding port pin (CAPIN), and timer T5 may optionally be cleared after the capture procedure. This allows the C165 to measure absolute time differences or to perform pulse multiplication without software overhead. T3 Mode Control 2n : 1 f CPU 2n : 1 f CPU T2 Mode Control GPT1 Timer T2 Reload Capture 2n : 1 f CPU T4 Mode Control GPT1 Timer T4 Reload Capture GPT1 Timer T3 T3OTL U/D T2EUD T2IN T3IN T3EUD T4IN T4EUD T3OUT Toggle FF U/D U/D Interrupt Request Interrupt Request Interrupt Request Other Timers MCT02141 n = 3 … 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |