Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 65Page - Infineon Technologies AG C165 Datasheet HTML 66Page - Infineon Technologies AG C165 Datasheet HTML 67Page - Infineon Technologies AG C165 Datasheet HTML 68Page - Infineon Technologies AG C165 Datasheet HTML 69Page - Infineon Technologies AG C165 Datasheet HTML 70Page - Infineon Technologies AG C165 Datasheet HTML 71Page - Infineon Technologies AG C165 Datasheet HTML 72Page - Infineon Technologies AG C165 Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
C165
Data Sheet
65
V2.0, 2000-12
AC Characteristics
CLKOUT and READY (Standard Supply Voltage)
(Operating Conditions apply)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.
CLKOUT cycle time
t29 CC 40
40
2TCL
2TCL
ns
CLKOUT high time
t30 CC 14
–TCL - 6
–
ns
CLKOUT low time
t31 CC 10
–
TCL - 10
–
ns
CLKOUT rise time
t32 CC –
4
–4ns
CLKOUT fall time
t33 CC –
4
–4ns
CLKOUT rising edge to
ALE falling edge
t34 CC 0 + tA
10 +
tA
0 +
tA
10 +
tA
ns
Synchronous READY
setup time to CLKOUT
t35 SR 14
–
14
–
ns
Synchronous READY
hold time after CLKOUT
t36 SR 4
–
4–ns
Asynchronous READY
low time
t37 SR 54
–
2TCL +
t58 –ns
Asynchronous READY
setup time1)
1) These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
t58 SR 14
–
14
–
ns
Asynchronous READY
hold time1)
t59 SR 4
–
4–ns
Async. READY hold time
after RD, WR high
(Demultiplexed Bus)2)
2) Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values. This
adds even more time for deactivating READY.
The 2
tA and tC refer to the next following bus cycle, tF refers to the current bus cycle.
The maximum limit for
t60 must be fulfilled if the next following bus cycle is READY controlled.
t60 SR 0
0
+ 2
tA +
tC
+
tF
2)
0TCL - 20
+ 2
tA + tC
+
tF
2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com