Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 60Page - Infineon Technologies AG C165 Datasheet HTML 61Page - Infineon Technologies AG C165 Datasheet HTML 62Page - Infineon Technologies AG C165 Datasheet HTML 63Page - Infineon Technologies AG C165 Datasheet HTML 64Page - Infineon Technologies AG C165 Datasheet HTML 65Page - Infineon Technologies AG C165 Datasheet HTML 66Page - Infineon Technologies AG C165 Datasheet HTML 67Page - Infineon Technologies AG C165 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
C165
Data Sheet
60
V2.0, 2000-12
Data float after RdCS
(with RW-delay)1)
t53 SR –
30 +
tF
–2TCL - 20
+ 2
tA + tF
1)
ns
Data float after RdCS
(no RW-delay)1)
t68 SR –
5 +
tF
–TCL - 20
+ 2
tA + tF
1)
ns
Address hold after
RdCS, WrCS
t55 CC - 16 + tF –- 16 + tF
–ns
Data hold after WrCS
t57 CC 9 + tF
–TCL - 16
+
tF
–ns
1) RW-delay and t
A refer to the next following bus cycle (including an access to an on-chip X-Peripheral).
2) Read data are latched with the same clock edge that triggers the address change and the rising RD edge.
Therefore address changes before the end of RD have no impact on read cycles.
3) These parameters refer to the latched chip select signals (CSxL). The early chip select signals (CSxE) are
specified together with the address and signal BHE (see figures below).
Demultiplexed Bus (Reduced Supply Voltage Range) (cont’d)
(Operating Conditions apply)
ALE cycle time = 4 TCL + 2
tA + tC + tF (100 ns at 20 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 20 MHz
Variable CPU Clock
1 / 2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com