Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 40Page - Infineon Technologies AG C165 Datasheet HTML 41Page - Infineon Technologies AG C165 Datasheet HTML 42Page - Infineon Technologies AG C165 Datasheet HTML 43Page - Infineon Technologies AG C165 Datasheet HTML 44Page - Infineon Technologies AG C165 Datasheet HTML 45Page - Infineon Technologies AG C165 Datasheet HTML 46Page - Infineon Technologies AG C165 Datasheet HTML 47Page - Infineon Technologies AG C165 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
C165
Data Sheet
40
V2.0, 2000-12
AC Characteristics
Definition of Internal Timing
The internal operation of the C165 is controlled by the internal CPU clock
fCPU. Both
edges of the CPU clock can trigger internal (e.g. pipeline) or external (e.g. bus cycles)
operations.
The specification of the external timing (AC Characteristics) therefore depends on the
time between two consecutive edges of the CPU clock, called “TCL” (see Figure 9).
Figure 9
Generation Mechanisms for the CPU Clock
The CPU clock signal
fCPU can be generated from the oscillator clock signal fOSC via
different mechanisms. The duration of TCLs and their variation (and also the derived
external timing) depends on the used mechanism to generate
fCPU. This influence must
be regarded when calculating the timings for the C165.
The used mechanism to generate the basic CPU clock is selected by bitfield CLKCFG
in register RP0H.7-5. Upon a long hardware reset register RP0H is loaded with the logic
levels present on the upper half of PORT0 (P0H), i.e. bitfield CLKCFG represents the
logic levels on pins P0.15-13 (P0H.7-5).
Table 9 associates the combinations of these three bits with the respective clock
generation mode.
MCT04826
f
OSC
f
CPU
Direct Clock Drive
f
OSC
f
CPU
Prescaler Operation
TCL
TCL
TCL
TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com