Electronic Components Datasheet Search
  English  ▼

X  

C165 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 2Page - Infineon Technologies AG C165 Datasheet HTML 3Page - Infineon Technologies AG C165 Datasheet HTML 4Page - Infineon Technologies AG C165 Datasheet HTML 5Page - Infineon Technologies AG C165 Datasheet HTML 6Page - Infineon Technologies AG C165 Datasheet HTML 7Page - Infineon Technologies AG C165 Datasheet HTML 8Page - Infineon Technologies AG C165 Datasheet HTML 9Page - Infineon Technologies AG C165 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
C165
Data Sheet
2
V2.0, 2000-12
This document describes several derivatives of the C165 group. Table 1 enumerates
these derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term C165 throughout this document.
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
• the derivative itself, i.e. its function set, the temperature range, and the supply voltage
• the package and the type of delivery.
For the available ordering codes for the C165 please refer to the “Product Catalog
Microcontrollers”, which summarizes all available microcontroller variants.
Note: The ordering codes for Mask-ROM versions are defined for each product after
verification of the respective ROM code.
Table 1
C165 Derivative Synopsis
Derivative1)
1) This Data Sheet is valid for devices starting with and including design step HA.
Max. Operating
Frequency
Operating
Voltage
Package
SAF-C165-LM
20 MHz
4.5 to 5.5 V
MQFP-100
SAB-C165-LM
20 MHz
4.5 to 5.5 V
MQFP-100
SAF-C165-L25M
25 MHz
4.5 to 5.5 V
MQFP-100
SAB-C165-L25M
25 MHz
4.5 to 5.5 V
MQFP-100
SAF-C165-LF
20 MHz
4.5 to 5.5 V
TQFP-100
SAB-C165-LF
20 MHz
4.5 to 5.5 V
TQFP-100
SAF-C165-L25F
25 MHz
4.5 to 5.5 V
TQFP-100
SAB-C165-L25F
25 MHz
4.5 to 5.5 V
TQFP-100
SAF-C165-LM3V
20 MHz
3.0 to 3.6 V
MQFP-100
SAB-C165-LM3V
20 MHz
3.0 to 3.6 V
MQFP-100
SAF-C165-LF3V
20 MHz
3.0 to 3.6 V
TQFP-100
SAB-C165-LF3V
20 MHz
3.0 to 3.6 V
TQFP-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com