Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 29Page - Infineon Technologies AG C164SL Datasheet HTML 30Page - Infineon Technologies AG C164SL Datasheet HTML 31Page - Infineon Technologies AG C164SL Datasheet HTML 32Page - Infineon Technologies AG C164SL Datasheet HTML 33Page - Infineon Technologies AG C164SL Datasheet HTML 34Page - Infineon Technologies AG C164SL Datasheet HTML 35Page - Infineon Technologies AG C164SL Datasheet HTML 36Page - Infineon Technologies AG C164SL Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
29
V2.0, 2001-05
Oscillator Watchdog
The Oscillator Watchdog (OWD) monitors the clock signal generated by the on-chip
oscillator (either with a crystal or via external clock drive). For this operation the PLL
provides a clock signal which is used to supervise transitions on the oscillator clock. This
PLL clock is independent from the XTAL1 clock. When the expected oscillator clock
transitions are missing the OWD activates the PLL Unlock/OWD interrupt node and
supplies the CPU with the PLL clock signal. Under these circumstances the PLL will
oscillate with its basic frequency.
In direct drive mode the PLL base frequency is used directly (
fCPU = 2 … 5 MHz).
In prescaler mode the PLL base frequency is divided by 2 (
fCPU = 1 … 2.5 MHz).
Note: The CPU clock source is only switched back to the oscillator clock after a
hardware reset.
The oscillator watchdog can be disabled by setting bit OWDDIS in register SYSCON.
In this case (OWDDIS = ‘1’) the PLL remains idle and provides no clock signal, while the
CPU clock signal is derived directly from the oscillator clock or via prescaler or SDD. Also
no interrupt request will be generated in case of a missing oscillator clock.
Note: At the end of a reset bit OWDDIS reflects the inverted level of pin RD at that time.
Thus the oscillator watchdog may also be disabled via hardware by (externally)
pulling the RD line low upon a reset, similar to the standard reset configuration via
PORT0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com