Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 39Page - Infineon Technologies AG C164SL Datasheet HTML 40Page - Infineon Technologies AG C164SL Datasheet HTML 41Page - Infineon Technologies AG C164SL Datasheet HTML 42Page - Infineon Technologies AG C164SL Datasheet HTML 43Page - Infineon Technologies AG C164SL Datasheet HTML 44Page - Infineon Technologies AG C164SL Datasheet HTML 45Page - Infineon Technologies AG C164SL Datasheet HTML 46Page - Infineon Technologies AG C164SL Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
39
V2.0, 2001-05
T12IC
b F190H
E C8H
CAPCOM 6 Timer 12 Interrupt Ctrl. Reg.
0000H
T12OF
F034H
E 1AH
CAPCOM 6 Timer 12 Offset Register
0000H
T12P
F030H
E 18H
CAPCOM 6 Timer 12 Period Register
0000H
T13IC
b F198H
E CCH
CAPCOM 6 Timer 13 Interrupt Ctrl. Reg.
0000H
T13P
F032H
E 19H
CAPCOM 6 Timer 13 Period Register
0000H
T14
F0D2H
E 69H
RTC Timer 14 Register
no
T14REL
F0D0H
E 68H
RTC Timer 14 Reload Register
no
T2
FE40H
20H
GPT1 Timer 2 Register
0000H
T2CON
b FF40H
A0H
GPT1 Timer 2 Control Register
0000H
T2IC
b FF60H
B0H
GPT1 Timer 2 Interrupt Control Register
0000H
T3
FE42H
21H
GPT1 Timer 3 Register
0000H
T3CON
b FF42H
A1H
GPT1 Timer 3 Control Register
0000H
T3IC
b FF62H
B1H
GPT1 Timer 3 Interrupt Control Register
0000H
T4
FE44H
22H
GPT1 Timer 4 Register
0000H
T4CON
b FF44H
A2H
GPT1 Timer 4 Control Register
0000H
T4IC
b FF64H
B2H
GPT1 Timer 4 Interrupt Control Register
0000H
T7
F050H
E 28H
CAPCOM Timer 7 Register
0000H
T78CON
b FF20H
90H
CAPCOM Timer 7 and 8 Ctrl. Reg.
0000H
T7IC
b F17AH
E BDH
CAPCOM Timer 7 Interrupt Ctrl. Reg.
0000H
T7REL
F054H
E 2AH
CAPCOM Timer 7 Reload Register
0000H
T8
F052H
E 29H
CAPCOM Timer 8 Register
0000H
T8IC
b F17CH
E BEH
CAPCOM Timer 8 Interrupt Ctrl. Reg.
0000H
T8REL
F056H
E 2BH
CAPCOM Timer 8 Reload Register
0000H
TFR
b FFACH
D6H
Trap Flag Register
0000H
TRCON
b FF34H
9AH
CAPCOM 6 Trap Enable Ctrl. Reg.
00XXH
WDT
FEAEH
57H
Watchdog Timer Register (read only)
0000H
WDTCON
FFAEH
D7H
Watchdog Timer Control Register
2)00xx
H
XP0IC
b F186H
E C3H
CAN1 Module Interrupt Control Register
0000H
XP1IC
b F18EH
E C7H
Unassigned Interrupt Control Reg.
0000H
Table 7
C164CI Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com