Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 56Page - Infineon Technologies AG C164SL Datasheet HTML 57Page - Infineon Technologies AG C164SL Datasheet HTML 58Page - Infineon Technologies AG C164SL Datasheet HTML 59Page - Infineon Technologies AG C164SL Datasheet HTML 60Page - Infineon Technologies AG C164SL Datasheet HTML 61Page - Infineon Technologies AG C164SL Datasheet HTML 62Page - Infineon Technologies AG C164SL Datasheet HTML 63Page - Infineon Technologies AG C164SL Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
56
V2.0, 2001-05
Sample time and conversion time of the C164CI’s A/D Converter are programmable.
Table 14 should be used to calculate the above timings.
The limit values for
fBC must not be exceeded when selecting ADCTC.
Converter Timing Example:
Assumptions:
fCPU = 25 MHz (i.e. tCPU = 40 ns), ADCTC = ‘00’, ADSTC = ‘00’.
Basic clock
fBC
=
fCPU/4 = 6.25 MHz, i.e. tBC = 160 ns.
Sample time
tS
=
tBC × 8 = 1280 ns.
Conversion time
tC
=
tS + 40 tBC + 2 tCPU = (1280 + 6400 + 80) ns = 7.8 µs.
8) During the sample time the input capacitance C
AIN can be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitance to reach its final voltage level within
tS.
After the end of the sample time
tS, changes of the analog input voltage have no effect on the conversion result.
Values for the sample time
tS depend on programming and can be taken from Table 14.
Table 14
A/D Converter Computation Table
ADCON.15|14
(ADCTC)
A/D Converter
Basic Clock
fBC
ADCON.13|12
(ADSTC)
Sample time
tS
00
fCPU / 4
00
tBC × 8
01
fCPU / 2
01
tBC × 16
10
fCPU / 16
10
tBC × 32
11
fCPU / 8
11
tBC × 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com