Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 71Page - Infineon Technologies AG C164SL Datasheet HTML 72Page - Infineon Technologies AG C164SL Datasheet HTML 73Page - Infineon Technologies AG C164SL Datasheet HTML 74Page - Infineon Technologies AG C164SL Datasheet HTML 75Page - Infineon Technologies AG C164SL Datasheet HTML 76Page - Infineon Technologies AG C164SL Datasheet HTML 77Page - Infineon Technologies AG C164SL Datasheet HTML 78Page - Infineon Technologies AG C164SL Datasheet HTML 79Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
72
V2.0, 2001-05
AC Characteristics
Figure 24
CLKOUT Timing
Notes
1) Cycle as programmed, including MCTC waitstates (Example shows 0 MCTC WS).
2) The leading edge of the respective command depends on RW-delay.
3) Multiplexed bus modes have a MUX waitstate added after a bus cycle, and an additional MTTC waitstate may
be inserted here.
For a multiplexed bus with MTTC waitstate this delay is 2 CLKOUT cycles, for a demultiplexed bus without
MTTC waitstate this delay is zero.
4) The next external bus cycle may start here.
CLKOUT
(Operating Conditions apply)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.
CLKOUT cycle time
t29 CC 40
40
2TCL
2TCL
ns
CLKOUT high time
t30 CC 14
–
TCL - 6
–
ns
CLKOUT low time
t31 CC 10
–
TCL - 10
–
ns
CLKOUT rise time
t32 CC –
4
–
4ns
CLKOUT fall time
t33 CC –
4
–
4ns
CLKOUT rising edge to
ALE falling edge
t34 CC 0 + tA
10 +
tA
0 +
tA
10 +
tA
ns
CLKOUT
ALE
t
30
t
34
MUX/Tristate 3)
t
32
t
33
t
29
Running cycle1)
t
31
Command
RD, WR
2)
4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com