Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 71Page - Infineon Technologies AG C164SL Datasheet HTML 72Page - Infineon Technologies AG C164SL Datasheet HTML 73Page - Infineon Technologies AG C164SL Datasheet HTML 74Page - Infineon Technologies AG C164SL Datasheet HTML 75Page - Infineon Technologies AG C164SL Datasheet HTML 76Page - Infineon Technologies AG C164SL Datasheet HTML 77Page - Infineon Technologies AG C164SL Datasheet HTML 78Page - Infineon Technologies AG C164SL Datasheet HTML 79Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
73
V2.0, 2001-05
External XRAM Access
If XPER-Share mode is enabled the on-chip XRAM of the C164CI can be accessed
(during hold states) by an external master like an asynchronous SRAM.
Figure 25
External Access to the XRAM
Table 16
XRAM Access Timing (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit
min.
max.
Address setup time before RD/WR falling edge
t40 SR 4
–
ns
Address hold time after RD/WR rising edge
t41 SR 0
–
ns
Data turn on delay after RD falling edge
t42 CC 2
–
ns
Data output valid delay after address latched
t43 CC –
37
ns
Data turn off delay after RD rising edge
t44 CC 0
10
ns
Write data setup time before WR rising edge
t45 SR 10
–
ns
Write data hold time after WR rising edge
t46 SR 1
–
ns
WR pulse width
t47 SR 18
–
ns
WR signal recovery time
t48 SR t40
–
ns
Read Data
43
t
42
t
44
t
MCT04423
(RD, WR)
Write Data
Command
Address
40
t
45
t
47
t
46
t
48
t
41
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com