| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 25 Page - Infineon Technologies AG |
|
25 / 79 page ![]() C164CI/SI C164CL/SL Data Sheet 21 V2.0, 2001-05 The Capture/Compare Unit CAPCOM6 The CAPCOM6 unit supports generation and control of timing sequences on up to three 16-bit capture/compare channels plus one 10-bit compare channel. In compare mode the CAPCOM6 unit provides two output signals per channel which have inverted polarity and non-overlapping pulse transitions. The compare channel can generate a single PWM output signal and is further used to modulate the capture/ compare output signals. In capture mode the contents of compare timer 12 is stored in the capture registers upon a signal transition at pins CCx. Compare timers T12 (16-bit) and T13 (10-bit) are free running timers which are clocked by the prescaled CPU clock. Figure 5 CAPCOM6 Block Diagram For motor control applications both subunits may generate versatile multichannel PWM signals which are basically either controlled by compare timer 12 or by a typical hall sensor pattern at the interrupt inputs (block commutation). Note: Multichannel signal generation is provided only in devices with a full CAPCOM6. CC Channel 0 CC60 CC Channel 1 CC61 CC Channel 2 CC62 MCB04109 Offset Register T12OF Compare Timer T12 16-Bit Period Register T12P Mode Select Register CC6MSEL Trap Register Port Control Logic Control Register CTCON Compare Register CMP13 Compare Timer T13 10-Bit Period Register T13P Block Commutation Control CC6MCON.H CC60 COUT60 CC61 COUT61 CC62 COUT62 CTRAP CC6POS0 CC6POS1 CC6POS2 f CPU f CPU COUT63 The timer registers (T12, T13) are not directly accessible. The period and offset registers are loading a value into the timer registers. The shaded blocks are available in the full function module only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |