Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 9Page - Infineon Technologies AG C164SL Datasheet HTML 10Page - Infineon Technologies AG C164SL Datasheet HTML 11Page - Infineon Technologies AG C164SL Datasheet HTML 12Page - Infineon Technologies AG C164SL Datasheet HTML 13Page - Infineon Technologies AG C164SL Datasheet HTML 14Page - Infineon Technologies AG C164SL Datasheet HTML 15Page - Infineon Technologies AG C164SL Datasheet HTML 16Page - Infineon Technologies AG C164SL Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
9
V2.0, 2001-05
XTAL2
XTAL1
54
55
O
I
XTAL2:
Output of the oscillator amplifier circuit.
XTAL1:
Input to the oscillator amplifier and input to
the internal clock generator
To clock the device from an external source, drive XTAL1,
while leaving XTAL2 unconnected. Minimum and maximum
high/low and rise/fall times specified in the AC
Characteristics must be observed.
RSTIN
69
I/O
Reset Input with Schmitt-Trigger characteristics. A low level
at this pin while the oscillator is running resets the C164CI.
An internal pullup resistor permits power-on reset using only
a capacitor connected to
VSS.
A spike filter suppresses input pulses <10 ns. Input pulses
>100 ns safely pass the filter. The minimum duration for a
safe recognition should be 100 ns + 2 CPU clock cycles.
In bidirectional reset mode (enabled by setting bit BDRSTEN
in register SYSCON) the RSTIN line is internally pulled low
for the duration of the internal reset sequence upon any reset
(HW, SW, WDT). See note below this table.
RST
OUT
70
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or
a watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.
NMI
71
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the C164CI to go into power
down mode. If NMI is high, when PWRDN is executed, the
part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com