Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 13Page - Infineon Technologies AG C164SL Datasheet HTML 14Page - Infineon Technologies AG C164SL Datasheet HTML 15Page - Infineon Technologies AG C164SL Datasheet HTML 16Page - Infineon Technologies AG C164SL Datasheet HTML 17Page - Infineon Technologies AG C164SL Datasheet HTML 18Page - Infineon Technologies AG C164SL Datasheet HTML 19Page - Infineon Technologies AG C164SL Datasheet HTML 20Page - Infineon Technologies AG C164SL Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
13
V2.0, 2001-05
External Bus Controller
All of the external memory accesses are performed by a particular on-chip External Bus
Controller (EBC). It can be programmed either to Single Chip Mode when no external
memory is required, or to one of four different external memory access modes, which are
as follows:
– 16-/18-/20-/22-bit Addresses, 16-bit Data, Demultiplexed
– 16-/18-/20-/22-bit Addresses, 16-bit Data, Multiplexed
– 16-/18-/20-/22-bit Addresses, 8-bit Data, Multiplexed
– 16-/18-/20-/22-bit Addresses, 8-bit Data, Demultiplexed
In the demultiplexed bus modes, addresses are output on PORT1 and data is input/
output on PORT0 or P0L, respectively. In the multiplexed bus modes both addresses
and data use PORT0 for input/output.
Important timing characteristics of the external bus interface (Memory Cycle Time,
Memory Tri-State Time, Length of ALE and Read Write Delay) have been made
programmable to allow the user the adaption of a wide range of different types of
memories and external peripherals.
In addition, up to 4 independent address windows may be defined (via register pairs
ADDRSELx / BUSCONx) which control the access to different resources with different
bus characteristics. These address windows are arranged hierarchically where
BUSCON4 overrides BUSCON3 and BUSCON2 overrides BUSCON1. All accesses to
locations not covered by these 4 address windows are controlled by BUSCON0.
Up to 4 external CS signals (3 windows plus default) can be generated in order to save
external glue logic. The C164CI offers the possibility to switch the CS outputs to an
unlatched mode. In this mode the internal filter logic is switched off and the CS signals
are directly generated from the address. The unlatched CS mode is enabled by setting
CSCFG (SYSCON.6).
For applications which require less than 4 MBytes of external memory space, this
address space can be restricted to 1 MByte, 256 KByte, or to 64 KByte. In this case
Port 4 outputs four, two, or no address lines at all. It outputs all 6 address lines, if an
address space of 4 MBytes is used.
Note: When the on-chip CAN Module is used with the interface lines assigned to Port 4,
the CAN lines override the segment address lines and the segment address
output on Port 4 is therefore limited to 4 bits i.e. address lines A19 … A16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com