Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 60Page - Infineon Technologies AG C164SL Datasheet HTML 61Page - Infineon Technologies AG C164SL Datasheet HTML 62Page - Infineon Technologies AG C164SL Datasheet HTML 63Page - Infineon Technologies AG C164SL Datasheet HTML 64Page - Infineon Technologies AG C164SL Datasheet HTML 65Page - Infineon Technologies AG C164SL Datasheet HTML 66Page - Infineon Technologies AG C164SL Datasheet HTML 67Page - Infineon Technologies AG C164SL Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
60
V2.0, 2001-05
ALE fall. edge to RdCS,
WrCS (no RW delay)
t43 CC -4 + tA
–
-4
+
tA
–
ns
Address float after RdCS,
WrCS (with RW delay)
t44 CC –
0
–
0ns
Address float after RdCS,
WrCS (no RW delay)
t45 CC –
20
–
TCL
ns
RdCS to Valid Data In
(with RW delay)
t46 SR –
16 +
tC
–
2TCL - 24
+
tC
ns
RdCS to Valid Data In
(no RW delay)
t47 SR –
36 +
tC
–
3TCL - 24
+
tC
ns
RdCS, WrCS Low Time
(with RW delay)
t48 CC 30 + tC
–
2TCL - 10
+
tC
–
ns
RdCS, WrCS Low Time
(no RW delay)
t49 CC 50 + tC
–
3TCL - 10
+
tC
–
ns
Data valid to WrCS
t50 CC 26 + tC
–
2TCL - 14
+
tC
–
ns
Data hold after RdCS
t51 SR 0
–
0
–
ns
Data float after RdCS
t52 SR –
20 +
tF
–
2TCL - 20
+
tF
ns
Address hold after
RdCS, WrCS
t54 CC 20 + tF
–
2TCL - 20
+
tF
–
ns
Data hold after WrCS
t56 CC 20 + tF
–
2TCL - 20
+
tF
–
ns
1) These parameters refer to the latched chip select signals (CSxL). The early chip select signals (CSxE) are
specified together with the address and signal BHE (see figures below).
Multiplexed Bus (cont’d)
(Operating Conditions apply)
ALE cycle time = 6 TCL + 2
tA + tC + tF (120 ns at 25 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com