Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 40Page - Infineon Technologies AG C164SL Datasheet HTML 41Page - Infineon Technologies AG C164SL Datasheet HTML 42Page - Infineon Technologies AG C164SL Datasheet HTML 43Page - Infineon Technologies AG C164SL Datasheet HTML 44Page - Infineon Technologies AG C164SL Datasheet HTML 45Page - Infineon Technologies AG C164SL Datasheet HTML 46Page - Infineon Technologies AG C164SL Datasheet HTML 47Page - Infineon Technologies AG C164SL Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
40
V2.0, 2001-05
Note: The three registers of the OTP programming interface are, of course, only
implemented in the OTP versions of the C164CI.
XP3IC
b F19EH
E CFH
PLL/RTC Interrupt Control Register
0000H
ZEROS
b FF1CH
8EH
Constant Value 0’s Register (read only)
0000H
1) The system configuration is selected during reset.
2) The reset value depends on the indicated reset source.
Table 7
C164CI Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com