Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 95 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 95 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 91Page - Zilog, Inc. Z80 Datasheet HTML 92Page - Zilog, Inc. Z80 Datasheet HTML 93Page - Zilog, Inc. Z80 Datasheet HTML 94Page - Zilog, Inc. Z80 Datasheet HTML 95Page - Zilog, Inc. Z80 Datasheet HTML 96Page - Zilog, Inc. Z80 Datasheet HTML 97Page - Zilog, Inc. Z80 Datasheet HTML 98Page - Zilog, Inc. Z80 Datasheet HTML 99Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Notes
:
* Address can increment (+) or decrement (-) from the programmed starting address (As), which is the first
address for transfer or search.
** Occurs only when the Ready line is still inactive just prior to the beginning of the last possible cycle in the
operation. For example, Ready is sampled inactive on the rising edge of CLK in the last cycle of the last read
operation.
*** Search only has no destination. Simultaneous transfer/search cannot have both ports variable. This class of
operation is programmed as a DMA search only operation, with variable addresses assigned to the
programmed source port. What the DMA senses as the source port may be either the real source or destination,
as determined by external hardware. See the 'Applications' chapter.
Bus Control
The DMA transfers and searches data by controlling the system buses in the
same way that the Z80 CPU controls them to perform read and write cycles.
Specifically, the DMA controls the following lines:
• Address Bus (16 bits)
• Data Bus (8 bits)
• IORQ
• MREQ
• RD
• WR
In addition, the DMA can also be programmed to watch a WAIT line
through its dual-purpose CE/WAIT pin.
Continuous
M
M**
M-1**
As
±(M**
***
Table 12. Contents of Counters After DMA Stops Due to Byte Match (Search or Transfer/
Search Operations)
Class
Mode
Match Occurs
On This Byte
Bytes Transferred At Stop
If Transferring
Byte Counter
Source Port
Address Counter*
Destination Port
Address Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com