Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 98 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 98 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 94Page - Zilog, Inc. Z80 Datasheet HTML 95Page - Zilog, Inc. Z80 Datasheet HTML 96Page - Zilog, Inc. Z80 Datasheet HTML 97Page - Zilog, Inc. Z80 Datasheet HTML 98Page - Zilog, Inc. Z80 Datasheet HTML 99Page - Zilog, Inc. Z80 Datasheet HTML 100Page - Zilog, Inc. Z80 Datasheet HTML 101Page - Zilog, Inc. Z80 Datasheet HTML 102Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Interrupts
Conditions and Methods
The Z80 CPU prioritizes external events in the following order:
1. Bus Requests (BUSREQ)
2. Non-Maskable Interrupts (NMI)
3. Maskable Interrupts (INT)
In addition to bus requests, the DMA normally allows only maskable inter-
rupts (INT) and uses them in CPU Mode 2, which allows interrupt vectors.
Non-maskable interrupts are typically reserved for extreme priority events
such as power-failure signaling.
The DMA can be programmed to interrupt the CPU under the following
conditions:
After the DMA’s RDY line has gone active and before the DMA
requests the bus (interrupt on RDY).
On an end-of-block, when the contents of the byte counter match the
contents of the block-length register.
On a byte match, when the contents of the match-byte register (after
masking by the mask-byte register) corresponds to a data byte being
transferred or searched.
The DMA cannot have control of the bus when it interrupts the CPU.
Signalingonthe INT line while the DMA is bus master generates periodic
pulses to an external device. These pulses are not perceived by the Z80
CPU. Therefore, at stop-on-end-of-block or byte match, the DMA first
releases the bus before interrupting the CPU, as shown in Figure 32.
If the DMA is programmed to interrupt on end-of-block and also to Auto
Restart on end-of-block, an interrupt occurs (and should be acknowledged
for continued operation) at each end-of-block. However, the end-of-block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com