Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 67 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 67 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 63Page - Zilog, Inc. Z80 Datasheet HTML 64Page - Zilog, Inc. Z80 Datasheet HTML 65Page - Zilog, Inc. Z80 Datasheet HTML 66Page - Zilog, Inc. Z80 Datasheet HTML 67Page - Zilog, Inc. Z80 Datasheet HTML 68Page - Zilog, Inc. Z80 Datasheet HTML 69Page - Zilog, Inc. Z80 Datasheet HTML 70Page - Zilog, Inc. Z80 Datasheet HTML 71Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Figure 19.
Basic Functions of the Z80 DMA
Modes of Operation
Within any class of operation, the Z80 DMA can be programmed to operate
in one of three Transfer and/or, Search modes:
Byte Mode
Data operations are performed one byte at a time. Between each byte oper-
ation the system bus is released to the CPU. The bus is requested again for
each succeeding byte operation. This is also sometimes called Single mode
or byte-at-a-time mode.
Burst Mode
Data operations continue until a port’s Ready line to the DMA goes
inactive. The DMA then stops (releases the system bus) after completing its
current byte operation. This is also called demand mode.
Continuous Mode
Data operations continue until the end of the programmed block of data or a
stop-on-match condition is reached before the system bus is released. If a
DMA
I/O
I/O
1. Transfer Memory-to-I/O (optional search)
2. Transfer I/O-to-Memory (optional search)
3. Transfer Memory-to-Memory (optional search)
4. Transfer I/O-to-I/O (optional search)
5. Search Memory
6. Search I/O
Memory
1
2
3
5
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com