Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 19Page - Zilog, Inc. Z80 Datasheet HTML 20Page - Zilog, Inc. Z80 Datasheet HTML 21Page - Zilog, Inc. Z80 Datasheet HTML 22Page - Zilog, Inc. Z80 Datasheet HTML 23Page - Zilog, Inc. Z80 Datasheet HTML 24Page - Zilog, Inc. Z80 Datasheet HTML 25Page - Zilog, Inc. Z80 Datasheet HTML 26Page - Zilog, Inc. Z80 Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Counter/Timer Channels

The Prescaler
The prescaler is an 8-bit device that is used in the TIMER mode only. The
prescaler is programmed by the CPU through the Channel Control register
to divide its input, the System clock (0), by 16 or 256. The output of the
prescaler is then fed as an input to clock the down-counter. Each time that
Table 2. Channel Control Register
765
4321
0
Interrupt
Mode
Prescaler
Value*
CLK/TRG
Section
Time
Trigger*
Time
Constant
Reset
Control or
Vector
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit Number Field
R/W Value
Description
7
Interrupt
R/W
1
0
Enable Interrupt
Disable Interrupt
6Mode
R/W
1
0
COUNTER Mode
TIMER Mode
5
Prescaler Value*
R/W
1
0
256
16
4
CLK/TRG Edge
Section
R/W
1
0
Rising Edge
Falling Edge
3
Time Trigger*
R/W
1
0
CLK/TRG Pulse Starts Timer
Automatic trigger when time constant is loaded
2
Time Constant
R/W
1
0
Time Constant Follows
No Time Constant Follows
1
Reset
R/W
1
0
Software Reset
Continue Operation
0
Control or Vector
R/W
1
0
Control
Vector
*TIMER mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com