Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 228 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 228 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 224Page - Zilog, Inc. Z80 Datasheet HTML 225Page - Zilog, Inc. Z80 Datasheet HTML 226Page - Zilog, Inc. Z80 Datasheet HTML 227Page - Zilog, Inc. Z80 Datasheet HTML 228Page - Zilog, Inc. Z80 Datasheet HTML 229Page - Zilog, Inc. Z80 Datasheet HTML 230Page - Zilog, Inc. Z80 Datasheet HTML 231Page - Zilog, Inc. Z80 Datasheet HTML 232Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Serial Input/Output
208
• TTL-Compatible Inputs and Outputs
• Two Independent Full-Duplex Channels
• Data Rates in Synchronous or Isosynchronous Modes:
–
0-800K Bits/Second with 4 MHz System Clock Rate
–
0-1.2M Bits/Second with 6 MHz System Clock Rate
–
0-2.5M Bits/Second with 10 MHz System Clock Rate
• Receiver Data Registers Quadruply Buffered; Transmitter Doubly
Buffered
• Asynchronous Features:
–
5, 6, 7, or 8 Bits per Character
–
1, 1 1/2, or 2 Stop Bits
–
Even, Odd, or No Parity
–
x1, x16, x32, and x64 Clock Modes
–
Break Generation and Detection
–
Parity, Overrun, and Framing Error Detection
• Binary Synchronous Features:
–
Internal or External Character Synchronization
–
One or Two Sync Characters in Separate Registers
–
Automatic Sync Character Insertion
–
CRC Generation and Checking
• HDLC and IBM SDLC Features:
–
Abort Sequence Generation and Detection
–
Automatic Zero Insertion and Deletion
–
Automatic Flag insertion Between Messages
–
Address Field Recognition
–
1-Field Residue Handling
–
Valid Receive Messages Protected from Overrun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com