Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 235 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 235 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 231Page - Zilog, Inc. Z80 Datasheet HTML 232Page - Zilog, Inc. Z80 Datasheet HTML 233Page - Zilog, Inc. Z80 Datasheet HTML 234Page - Zilog, Inc. Z80 Datasheet HTML 235Page - Zilog, Inc. Z80 Datasheet HTML 236Page - Zilog, Inc. Z80 Datasheet HTML 237Page - Zilog, Inc. Z80 Datasheet HTML 238Page - Zilog, Inc. Z80 Datasheet HTML 239Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 330 page
background image
Z80 CPU Peripherals
User Manual
UM008101-0601
Serial Input/Output
215
Figure 102. Z80 SIO/0 Pin Assignments
Z80 – SIO/0
CH-A
RxDA
RxCA
TxDA
TxCA
SYNCA
W/RDYA
RTSA
CTSA
DTRA
DCDA
RxDB
RxTxCB
TxDB
SYNCB
W/RDYB
CTSB
DTRB
DCDB
RTSB
12
13
15
14
11
10
17
18
16
19
30
24
23
25
22
28
27
26
29
CH-B
CPU
Data
BUS
SIO
Control
D0
D1
D2
D3
D4
D5
D6
D7
CE
RESET
M1
IORQ
RD
5V
GND
INT
IEI
IEO
Φ
40
1
39
2
38
3
37
4
35
21
31
20
5
6
7
8
36
32
9
from
CPU
Daisy
Chain
Interrupt
Control
Modem
Control
Modem
Control
33
34
C/D
B/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com