Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 37Page - National Semiconductor (TI) DP83865 Datasheet HTML 38Page - National Semiconductor (TI) DP83865 Datasheet HTML 39Page - National Semiconductor (TI) DP83865 Datasheet HTML 40Page - National Semiconductor (TI) DP83865 Datasheet HTML 41Page - National Semiconductor (TI) DP83865 Datasheet HTML 42Page - National Semiconductor (TI) DP83865 Datasheet HTML 43Page - National Semiconductor (TI) DP83865 Datasheet HTML 44Page - National Semiconductor (TI) DP83865 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
41
www.national.com
3.0 Configuration (Continued)
3.2.2 Master/Slave
In 1000BASE-T the two link partner devices have to be
configured, one as Master and the other as Slave. The
Master device by definition uses a local clock to transmit
data on the wire; the Slave device uses the clock recov-
ered of the incoming data from the link partner for transmit-
ting its data. The Master and Slave assignments can be
manually set by using strapping options or register writes.
When the AN_EN pin is strapped low, strapping MULTI_EN
pin low selects Slave and high selects Master mode. Reg-
ister 9 bits 12:11 allows software to overwrite the strapping
Master/Slave setting (Table 30). Note that if both the link
partner and the local device are manually given the same
Master/Slave assignment, an error will occur as indicated
in 1KSTSR 0x0A bit 15.
Depending on what the link partner is configured to, the
manual Master/Slave mode can be resolved to eight possi-
ble outcomes. Only two National PHYs will be able to link
to each other in manual configuration mode.
(Table 32)
3.3 Auto-Negotiation
All 1000BASE-T PHYs are required to support Auto-Nego-
tiation. (The 10/100 Mbps Ethernet PHYs had an option to
support Auto-Negotiation, as well as parallel detecting
when a link partner did not support Auto-Neg.) The Auto-
Negotiation function in 1000BASE-T has three primary pur-
poses:
— Auto-Negotiation of Speed & Duplex Selection
— Auto-Negotiation of Master/Slave Resolution
— Auto-Negotiation of Pause/Asymetrical Pause Resolu-
tion
.
The DP83865 also supports features such as:
— Next Page
— Parallel Detection for 10/100 Mbps
— Restart Auto-Negotiation through software
3.3.1 Speed/Duplex Selection - Priority Resolution
The Auto-Negotiation function provides a mechanism for
exchanging configuration information between the two
ends of a link segment. This mechanism is implemented by
exchanging Fast Link Pulses (FLP). FLP are burst pulses
that provide the signalling used to communicate the abili-
ties between two devices at each end of a link segment.
For further details regarding Auto-Negotiation, refer to
Clause 28 of the IEEE 802.3u specification. The DP83865
supports six different Ethernet protocols: 10BASE-T Full
Duplex, 10BASE-T Half Duplex, 100BASE-TX Full Duplex,
100BASE-TX Half Duplex, 1000BASE-T Full Duplex, and
1000BASE-T Half Duplex. The process of Auto-Negotiation
ensures that the highest performance protocol is selected
(i.e., priority resolution) based on the advertised abilities of
the Link Partner and the local device. (Table 33)
.
Table 29. Speed/Duplex Selection, AN_EN = 0
DUPLEX SPEED[1] SPEED[0]
Manual Mode
0
0
0
10BASE-T HD
0
0
1
100BASE-TX HD
0
1
0
1000BASE-T HD
(Between National
PHYs only)
01
1
Reserved
1
0
0
10BASE-T FD
1
0
1
100BASE-TX FD
1
1
0
1000BASE-T FD
(Between National
PHYs only)
11
1
Reserved
Table 30. 1000BASE-T Master/Slave Sel., AN_EN = 0
MULTI_EN
Manual Mode
0Slave mode
1
Master mode
Table 31. Master/Slave Resolution, AN_EN = 0
DP83865
Advertise
Link Partner
Advertise
DP83865
Outcome
Link Partner
Outcome
Manual
Master
Manual
Master
Unresolved
No Link
Unresolved
No Link
Manual
Master
Manual
Slave
Master
Slave
Manual
Master
Multi-node
(Auto-neg)
Master
Slave
Manual
Master
Single-node
(Auto-neg)
Master
Slave
Manual
Slave
Manual
Master
Slave
Master
Manual
Slave
Manual
Slave
Unresolved
No Link
Unresolved
No Link
Manual
Slave
Multi-node
(Auto-neg)
Slave
Master
Manual
Slave
Single-node
(Auto-neg)
Slave
Master
Table 32. Master/Slave Resolution, AN_EN = 0
DP83865
Advertise
Link Partner
Advertise
DP83865
Outcome
Link Partner
Outcome
Manual
Master
Manual
Master
Unresolved
No Link
Unresolved
No Link
Manual
Master
Manual
Slave
Master
Slave
Manual
Master
Multi-node
(Auto-neg)
Master
Slave
Manual
Master
Single-node
(Auto-neg)
Master
Slave
Manual
Slave
Manual
Master
Slave
Master
Manual
Slave
Manual
Slave
Unresolved
No Link
Unresolved
No Link
Manual
Slave
Multi-node
(Auto-neg)
Slave
Master
Manual
Slave
Single-node
(Auto-neg)
Slave
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com