Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 74Page - National Semiconductor (TI) DP83865 Datasheet HTML 75Page - National Semiconductor (TI) DP83865 Datasheet HTML 76Page - National Semiconductor (TI) DP83865 Datasheet HTML 77Page - National Semiconductor (TI) DP83865 Datasheet HTML 78Page - National Semiconductor (TI) DP83865 Datasheet HTML 79Page - National Semiconductor (TI) DP83865 Datasheet HTML 80Page - National Semiconductor (TI) DP83865 Datasheet HTML 81Page - National Semiconductor (TI) DP83865 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
www.national.com
78
6.0 Electrical Specifications (Continued)
6.7 10 Mb/s Timing
6.7.1 10 Mb/s MII Transmit Timing
6.7.2 10 Mb/s MII Receive Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T26
TXD[3:0], TX_EN and TX_ER Setup to
↑ TX_CLK
100
ns
T27
TXD[3:0], TX_EN and TX_ER Hold from
↑ TX_CLK
0
ns
T28
TX_CLK Duty Cycle
40
60
%
T29
MII to MDI latency
125
ns
TX_CLK
T26
T27
TXD[3:0], TX_EN,
TX_ER
T28
Begin of Frame
T29
MDI
Parameter
Description
Notes
Min
Typ
Max
Units
T30
↑ RX_CLK to RXD[3:0], RX_DV, RX_ER
Delay
100
300
ns
T31
RX_CLK Duty Cycle
35
65
%
T32
MDI to MII latency
1125
ns
T31
RX_CLK
RXD[3:0]
RX_DV
RX_ER
Valid Data
T30
Begin of Frame
MDI
T32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com