Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 67Page - National Semiconductor (TI) DP83865 Datasheet HTML 68Page - National Semiconductor (TI) DP83865 Datasheet HTML 69Page - National Semiconductor (TI) DP83865 Datasheet HTML 70Page - National Semiconductor (TI) DP83865 Datasheet HTML 71Page - National Semiconductor (TI) DP83865 Datasheet HTML 72Page - National Semiconductor (TI) DP83865 Datasheet HTML 73Page - National Semiconductor (TI) DP83865 Datasheet HTML 74Page - National Semiconductor (TI) DP83865 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
71
www.national.com
6.0 Electrical Specifications
Absolute Maximum Ratings
Note: Absolute maximum ratings are those values beyond
which the safety of the device cannot be guaranteed. They
are not meant to imply that the device should be operated
at these limits.
Recommended Operating Condition
Thermal Characteristics
6.1 DC Electrical Specification
Supply Voltage IO_VDD
-0.4V to 4.2 V
Supply Voltage CORE_VDD,
1V8_AVDD1, 1V8_AVDD2
-0.4V to 2.4V
Supply Voltage 2V5_AVDD1,
2V5_AVDD2
-0.4V to 3.6V
Input Voltage (DCIN)
-0.5V to IO_VDD + 0.5V
Output Voltage (DCOUT)
-0.5V to IO_VDD + 0.5V
Storage Temperature
-65°C to 150°C
ESD Protection
6000V
Min
Typ Max
Units
Supply Voltage IO_VDD
3.135 3.3 3.465
V
Supply Voltage IO_VDD
Analog Voltages 2V5_AVDD1,
2V5_AVDD2
2.375 2.5 2.625
V
Supply Voltage CORE_VDD
Analog Voltages 1V8_AVDD1,
1V8_AVDD2
1.71
1.8
1.89
V
Ambient Temperature (TA)0
70
°C
CLK_IN Input Freq. Stability
(over temperature)
-50
+50
ppm
CLK_IN Input Jitter pk-pk
100
ps
CLK_IN Input Duty Cycle
40
60
%
Center Frequency (fc)25
MHz
Max
Units
Maximum Case Temperature @ 1.0 W
110
°C
Theta Junction to Case (Tjc) @ 1.0 W
17
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0 W
47
°C / W
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH R/GMII
inputs
I
I/O
I/O_Z
Input High Voltage IO_VDD of
3.3V or 2.5 V
1.7
V
VIL R/GMII
inputs
I
I/O
I/O_Z
Input Low Voltage IO_VDD of
3.3V or 2.5 V
GND
0.9
V
IIH R/GMII
I
I/O
I/O_Z
Input High Current VIN = IO_VDD
10
µA
IIL R/GMII
I
I/O
I/O_Z
Input Low Current
VIN = GND
10
µA
VOH R/GMII
outputs
O,
I/O
I/O_Z
Output High
Voltage
IOH = -1.0 mA
2.1
3.6
V
VOL R/GMII
outputs
O,
I/O
I/O_Z
Output Low
Voltage
IOL = 1.0 mA
GND
0.5
V
IOZ1 R/GMII
I/O _Z
TRI-STATE
Leakage
VOUT = IO_VDD
10
µA
IOZ2 R/GMII
I/O_Z
TRI-STATE
Leakage
VOUT = GND
-10
µA
VIH
non-R/GMII
I
I/O
I/O_Z
Input High
Voltage
2.0
IO_VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com