Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 70Page - National Semiconductor (TI) DP83865 Datasheet HTML 71Page - National Semiconductor (TI) DP83865 Datasheet HTML 72Page - National Semiconductor (TI) DP83865 Datasheet HTML 73Page - National Semiconductor (TI) DP83865 Datasheet HTML 74Page - National Semiconductor (TI) DP83865 Datasheet HTML 75Page - National Semiconductor (TI) DP83865 Datasheet HTML 76Page - National Semiconductor (TI) DP83865 Datasheet HTML 77Page - National Semiconductor (TI) DP83865 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
www.national.com
74
6.0 Electrical Specifications (Continued)
6.3 Clock Timing
6.4 1000 Mb/s Timing
6.4.1 GMII Transmit Interface Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T6
CLK_IN Duty Cycle
40
60
%
T7
CLK_IN tR/tF
10% to 90%
1.0 to 2.5
ns
T8
CLK_IN frequency
(25 MHz +/-50 ppm)
24.99875
25.000000 25.001250
MHz
CLK_IN
T8
T7
T6
T7
Parameter
Description
Notes
Min
Typ
Max
Units
T9
GTX_CLK Duty Cycle
40
60
%
T10
GTX_CLK tR/tF
Note 1,4,5
1
ns
T11
Setup from valid TXD, TX_EN and TXER to
↑ GTX_CLK
Note 2,4
2.0
ns
T12
Hold from
↑ GTX_CLK to invalid TXD, TX_EN and TXER
Note 3,4
0.0
ns
T13
GTX_CLK Stability
Note 5
-100
+100
ppm
T14
GMII to MDI latency
152
ns
Note 1: tr and tf are measured from VIL_AC(MAX) = 0.7V to VIH_AC(MIN) = 1.9V.
Note 2: tsetup is measured from data level of 1.9V to clock level of 0.7V for data = ‘1’; and data level = 0.7V to.clock level 0.7V for data = ‘0’.
Note 3: thold is measured from clock level of 1.9V to data level of 1.9V for data = ‘1’; and clock level = 1.9V to.data level 0.7V for data = ‘0’.
Note 4: GMII Receiver input template measured with “GMII point-to-point test circuit”, see Test Conditions Section
Note 5: Guaranteed by design. Not tested.
GTX_CLK
T11
T12
T13
T10
T9
TXD[7:0], TX_EN,
TX_ER
T10
Begin of Frame
T14
MDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com