Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 13Page - National Semiconductor (TI) DP83865 Datasheet HTML 14Page - National Semiconductor (TI) DP83865 Datasheet HTML 15Page - National Semiconductor (TI) DP83865 Datasheet HTML 16Page - National Semiconductor (TI) DP83865 Datasheet HTML 17Page - National Semiconductor (TI) DP83865 Datasheet HTML 18Page - National Semiconductor (TI) DP83865 Datasheet HTML 19Page - National Semiconductor (TI) DP83865 Datasheet HTML 20Page - National Semiconductor (TI) DP83865 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
17
www.national.com
1.0 Pin Description (Continued)
107
VSS
Ground
Ground: Connect to common ground plane.
108
MDIA_P
Input /
Output
MDI Channel A Positive: Connect to TD+ of
channel A of the magnetics.
109
MDIA_N
Input /
Output
MDI Channel A Negative: Connect to TD- of
channel A of the magnetics.
110
VSS
Ground
Ground: Connect to common ground plane.
111
RX_VDD
Power
Receive VDD: (Analog) Connect to 1.8 Volt.
112
VSS
Ground
Ground: Connect to common ground plane.
113
VSS
Ground
Ground: Connect to common ground plane.
114
MDIB_P
Input /
Output
MDI Channel B Positive: Connect to TD+ of
channel B of the magnetics.
115
MDIB_N
Input /
Output
MDI Channel B Negative: Connect to TD- of
channel B of the magnetics.
116
VSS
Ground
Ground: Connect to common ground plane.
117
RX_VDD
Power
Receive VDD: (Analog) Connect to 1.8V.
118
VSS
Ground
Ground: Connect to common ground plane.
119
VSS
Ground
Ground: Connect to common ground plane.
120
MDIC_P
Input /
Output
MDI Channel C Positive: Connect to TD+ of
channel C of the magnetics.
121
MDIC_N
Input /
Output
MDI Channel C Negative: Connect to TD- of
channel C of the magnetics.
122
VSS
Ground
Ground: Connect to common ground plane.
123
RX_VDD
Power
Receive VDD: (Analog) Connect to 1.8V.
124
VSS
Ground
Ground: Connect to common ground plane.
125
VSS
Ground
Ground: Connect to common ground plane.
126
MDID_P
Input /
Output
MDI Channel D Positive: Connect to TD+ of
channel D of the magnetics.
127
MDID_N
Input /
Output
MDI Channel D Negative: Connect to TD- of
channel D of the magnetics.
128
VSS
Ground
Ground: Connect to common ground plane.
Table 1.
Pin #
Data Sheet Pin Name
Type
Connection / Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com