Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 45Page - National Semiconductor (TI) DP83865 Datasheet HTML 46Page - National Semiconductor (TI) DP83865 Datasheet HTML 47Page - National Semiconductor (TI) DP83865 Datasheet HTML 48Page - National Semiconductor (TI) DP83865 Datasheet HTML 49Page - National Semiconductor (TI) DP83865 Datasheet HTML 50Page - National Semiconductor (TI) DP83865 Datasheet HTML 51Page - National Semiconductor (TI) DP83865 Datasheet HTML 52Page - National Semiconductor (TI) DP83865 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
49
www.national.com
4.0 Functional Description
The DP83865 is a full featured 10/100/1000 Ethernet Phys-
ical layer (PHY) chip. It consists of a digital 10/100/1000
Mb/s core with a common TP interface. It also has a com-
bined versitle MAC interface that is capable of interfacing
with MII and GMII controller interfaces. In this section, the
following topics are covered:
— 1000BASE-T PCS Transmitter
— 1000BASE-T PMA Transmitter
— 1000BASE-T PMA Receiver
— 1000BASE-T PCS Receiver
— Gigabit MII (GMII)
— Reduced GMII (RGMII)
— 10BASE-T and 100BASE-TX Transmitter
— 10BASE-T and 100BASE-TX Receiver
— Media Dependent Interface (MII)
The 1000BASE-T transceiver includes PCS (Physical Cod-
ing Sublayer) Transmitter, PMA (Physical Medium Attach-
ment) Transmitter, PMA Receiver and PCS Receiver. The
1000BASE-T functional block diagram is shown in section
“ Block Diagram” on page 2.
4.1 1000BASE-T PCS Transmitter
The PCS transmitter comprises several functional blocks
that convert the 8-bit TXDn data from the GMII to PAM-5
symbols passed onto the PMA function. The block diagram
of the PCS transmitter data path in Figure 2 provides an
overview of each of the architecture within the PCS trans-
mitter.
The PCS transmitter consists of eight sub blocks:
— LFSR (Linear Feedback Shift Register)
— Data scrambler and symbol sign scrambler word gener-
ator
— Scrambler bit generator
—Data scrambler
— Convolutional encoder
— Bit-to-symbol quinary symbol mapping
— Sign scrambler nibble generator
— Symbol sign scrambler
The requirements for the PCS transmit functionality are
also defined in the IEEE 802.3ab specification section
40.3.1.3 “PCS Transmit function”.
4.1.1 Linear Feedback Shift Register (LFSR)
The side-stream scrambler function uses a LFSR imple-
menting one of two equations based on the mode of opera-
tion, i.e., a master or a slave. For master operation, the
equation is
gM(x) = 1 + x
13 + x33
For slave operation, the equation is
gS(x) = 1 + x
20 + x33
The 33-bit data output, Scrn[32:0], of this block is then fed
to the data scrambler and symbol sign scrambler word gen-
erator.
4.1.2 Data and Symbol Sign Scrambler Word Generator
The word generator uses the Scrn[32:0] to generate further
scrambled values. The following signals are generated:
Sxn[3:0], Syn[3:0], and Sgn[3:0].
The 4-bit Sxn[3:0] and Syn[3:0] values are then sent to the
scrambler bit generator. The 4-bit Sgn[3:0] sign values are
provided to the sign scrambler nibble generator.
4.1.3 Scrambler Bit Generator
This sub block uses the Sxn and Syn signals along with the
tx_mode and tx_enable signals to generate the Scn[7:0],
that is further scrambled based on the condition of the
tx_mode and tx_enable signal. The tx_mode signal indi-
cates sending idles (SEND_I), sending zeros (SEND_Z) or
sending idles/data (SEND_N). The tx_mode signal is gen-
erated by the micro controller function. The tx_enable sig-
nal is either asserted to indicate data transmission is
occurring or deasserted when there is no data transmis-
sion. The PCS Data Transmission Enable state machine
generates the tx_enable signal.
The 8-bit Scn[7:0] signals are then passed onto the data
scrambler functional block.
4.1.4 Data Scrambler
The Data Scrambler generates scrambled data by accept-
ing the TxDn[7:0] data from the GMII and scrambling it
based on various inputs.
The data scrambler generates the 8-bit Sdn[7:0] value,
which scrambles the TxDn data based primarily on the Scn
values and the accompanying control signals.
All 8-bits of Sdn[7:0] are passed onto the bit-to-quinary
symbol mapping block, while 2-bits, Sdn[7:6], are fed into
the convolutional encoder.
4.1.5 Convolutional Encoder
The encoder uses Sdn[7:6] bits and tx_enable to generate
an additional data bit, which is called Sdn[8].
The one clock delayed versions csn-1[1:0] are passed to
the data scrambler block. This Sdn[8] bit is then passed to
the bit-to-symbol quinary symbol mapping function.
4.1.6 Bit-to-Symbol Quinary Symbol Mapping
This block implements the IEEE 802.3ab specification
Tables 40-1 and 40-2 Bit-to-Symbol Mapping for even and
odd subsets. It takes the 9-bit Sdn[8:0] data and converts it
to the appropriate quinary symbols as defined by the
tables.
The output of this block generates the TAn, TBn, TCn, and
TDn symbols that passed onto the symbol sign scrambler.
4.1.7 Sign Scrambler Nibble Generator
Sign Scrambler Nibble Generator performs some further
scrambling of the sign values Sgn[3:0] that are generated
by the data and symbol sign scrambler word generator.
The sign scrambling is dependent on the tx_enable signal.
The SnAn, SnBn, SnCn, and SnDn outputs are then passed
onto the symbol sign scrambler function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com