Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 7Page - National Semiconductor (TI) DP83865 Datasheet HTML 8Page - National Semiconductor (TI) DP83865 Datasheet HTML 9Page - National Semiconductor (TI) DP83865 Datasheet HTML 10Page - National Semiconductor (TI) DP83865 Datasheet HTML 11Page - National Semiconductor (TI) DP83865 Datasheet HTML 12Page - National Semiconductor (TI) DP83865 Datasheet HTML 13Page - National Semiconductor (TI) DP83865 Datasheet HTML 14Page - National Semiconductor (TI) DP83865 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
11
www.national.com
1.0 Pin Description (Continued)
1.8 Power and Ground Pins
(See section “5.3 Power Supply Decoupling” on page 64.)
1.9 Special Connect Pins
Signal Name
PQFP Pin #
Description
IO_VDD
4, 15, 21, 29, 37, 42, 53, 58, 69,
77, 83, 90
2.5V or 3.3V I/O Supply for “MAC Interfaces”, “Management
Interface”, “JTAG Interface”, “Clock Interface”, “Device Con-
figuration and LED Interface” and “Reset”.
CORE_VDD
11, 19, 25, 35, 48, 63, 73, 92
1.8V Digital Core Supply
2V5_AVDD1
101
2.5V Analog Supply
2V5_AVDD2
96
2.5V Analog Supply
1V8_AVDD1
103, 105, 111, 117, 123
1.8V Analog Supply
1V8_AVDD2
98
1.8V Analog Supply - See section “5.4 Sensitive Supply
Pins” on page 64 for low pass filter recommendation.
1V8_AVDD3
100
1.8V Analog Supply - See section “5.4 Sensitive Supply
Pins” on page 64 for low pass filter recommendation.
VSS
5, 12, 16, 20, 22, 26, 30, 36, 38,
43, 49, 54, 59, 64, 70, 74, 78, 82,
91, 93, 97, 99, 104, 106, 107,
110, 112, 113, 116, 118, 119,
122, 124, 125, 128
Ground
Signal Name
TYPE
PQFP
Pin #
Description
BG_REF
I
102
Internal Reference Bias: See section “5.4 Sensitive Supply Pins” on page 64
for information on how to terminate this pin.
RESERVED
2, 23,
84
These pins are reserved and must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com