Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 72Page - National Semiconductor (TI) DP83865 Datasheet HTML 73Page - National Semiconductor (TI) DP83865 Datasheet HTML 74Page - National Semiconductor (TI) DP83865 Datasheet HTML 75Page - National Semiconductor (TI) DP83865 Datasheet HTML 76Page - National Semiconductor (TI) DP83865 Datasheet HTML 77Page - National Semiconductor (TI) DP83865 Datasheet HTML 78Page - National Semiconductor (TI) DP83865 Datasheet HTML 79Page - National Semiconductor (TI) DP83865 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
www.national.com
76
6.0 Electrical Specifications (Continued)
6.5 RGMII Timing
6.5.1 Transmit and Receive Multiplexing and Timing
TX [3:0]
TskewT
TXEN_ER
TCK
TXD[3:0]
TXD[7:4]
TX_EN
TX_ER
TXD[3:0]
TXD[7:4]
TX_EN
TX_ER
Tcyc
Parameter
Description
Notes
Min
Typ
Max
Units
TskewT
TX to Clock skew (at receiver, PHY), HP mode
Note 1
1.0
2.0
ns
TskewT
TX to Clock skew (at receiver, PHY), 3COM mode
Note 4
-900
900
ps
TskewR
RX to Clock skew (at transmitter, PHY), HP mode
Note 4
-500
500
ps
TsetupR
RX to Clock setup (at transmitter, PHY), 3COM mode
Note 4
1.4
ns
TholdR
RX to Clock hold (at transmitter, PHY), 3COM mode
Note 4
1.2
ns
Tcyc
Clock Period
Note 2, 4
7.2
8
8.8
ns
TDuty_G
Duty Cycle for gigabit
Note 3
45
50
55
%
TDuty_T
Duty Cycle for 10/100 BASE-T
Note 3
40
50
60
%
Tr/Tf
Rise/Fall Time (20 -80%)
Note 4
1.0
ns
Note 1: The PC board design requires clocks to be routed such that an additional trace delay of greater than 1.5 ns is added to the associated clock signal.
Note 2: For 10 Mbps and 100 Mbps, Tcyc will scale to 400ns +-40ns and 40ns +-4ns.
Note 3: Duty cycle may be stretched or shrunk during speed changes or while transitioning to a received packet’s clock domain as long as minimum duty
cycle is not violated and stretching occurs for no more that three Tcyc of the lowest speed transitioned between.
Note 4: Guaranteed by design. Not tested.
RCK
RX [3:0]
RXDV_ER
TskewR TsetupR
RXD[3:0]
RXD[7:4]
RX_DV
RX_ER
RXD[3:0]
RXD[7:4]
RX_DV
RX_ER
Tcyc
TholdR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com