Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 66Page - National Semiconductor (TI) DP83865 Datasheet HTML 67Page - National Semiconductor (TI) DP83865 Datasheet HTML 68Page - National Semiconductor (TI) DP83865 Datasheet HTML 69Page - National Semiconductor (TI) DP83865 Datasheet HTML 70Page - National Semiconductor (TI) DP83865 Datasheet HTML 71Page - National Semiconductor (TI) DP83865 Datasheet HTML 72Page - National Semiconductor (TI) DP83865 Datasheet HTML 73Page - National Semiconductor (TI) DP83865 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
www.national.com
70
5.0 Design Guide (Continued)
5.13.2 Magnetics
It is important to select the compoment that meets the
requirements. Per IEEE 802.3ab Clause 40.8, the compo-
nent requirements are listed in Table 57.
In addition, the
transformer winding should have the configuration shown
in Figure 21. The recommended magnetics has an isola-
tion transformer followed by a common mode choke to
reduce EMI. There is an additional auto-transformer which
is center tapped. To save board space and reduce compo-
nent count, RJ-45 with integrated magnetics may be used.
The following are magnetics meeting the requirements
(Table 57).
Figure 21. Transformer configuration (1 ch)
TCT
TD+
TD-
MCT
MX+
MX-
Table 57. Magnetics Requirements
Parameter
Min
Typ
Max
Units
Condition
Turn Ratio
-
1:1
-
-
± 1%
Insertion Loss
-
-
-1.1
dB
0.1 - 1 MHz
-
-
-0.5
dB
1 - 60 MHz
-
-
-1.0
dB
60 - 100 MHz
-
-
-1.2
dB
100 - 125 MHz
Return Loss
-18
-
-
dB
1 - 30 MHz
-14.4
-
-
dB
30 - 40 MHz
-13.1
-
-
dB
40 - 50 MHz
-12
-
-
dB
50 - 80 MHz
-10
-
-
dB
80 - 100 MHz
Differential to Common
Rejection Ration
-43
-
-
dB
1 - 30 MHz
-37
-
-
dB
30 - 60 MHz
-33
-
-
dB
60 - 100 MHz
Crosstalk
-45
-
-
dB
1 - 30 MHz
-40
-
-
dB
30 - 60 MHz
-35
-
-
dB
60 - 100 MHz
Isolation
1,500
-
-
Vrms
HPOT
Rise Time
-
1.6
1.8
ns
10 - 90 %
Primary Inductance
350
-
-
uH
-
Table 58. Recommended Magnetics
Manufacturer
Description
Part Number
Bel Fuse, Inc.
www.belfuse.com
10/100/1000 Mbps Isolation Transformer
S558-5999-P3
10/100/1000 Mbps Isolation Transformer
S558-5999-T3
10/100/1000 Mbps2X1 Integrated Magnetics
0843-2B1T-33
Delta
www.delta.tw
10/100/1000 Mbps Isolation Transformer
LF9203
Halo
www.haloelectronics.com
10/100/1000 Mbps Isolation Transformer
TG1G-S002NZ
Midcom
www.haloelectronics.com
10/100/1000 Mbps Isolation Transformer
000-7093-37R
Pulse Engineering, Inc.
www.pulseeng.com
10/100/1000 Mbps Isolation Transformer
H5007
10/100/1000 Mbps Isolation Transformer
H5008
Note: Contact Magnetics manufactures for latest part numbers and product specifications. All Magnetics should be thor-
oughly tested and validated before using them in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com