Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 53Page - National Semiconductor (TI) DP83865 Datasheet HTML 54Page - National Semiconductor (TI) DP83865 Datasheet HTML 55Page - National Semiconductor (TI) DP83865 Datasheet HTML 56Page - National Semiconductor (TI) DP83865 Datasheet HTML 57Page - National Semiconductor (TI) DP83865 Datasheet HTML 58Page - National Semiconductor (TI) DP83865 Datasheet HTML 59Page - National Semiconductor (TI) DP83865 Datasheet HTML 60Page - National Semiconductor (TI) DP83865 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
57
www.national.com
4.0 Functional Description (Continued)
4.7.9 MLT-3 Converter / DAC / Line Driver
The Binary to MLT-3 conversion is accomplished by con-
verting the serial NRZI data stream output from the NRZI
encoder into two binary data streams with alternately
phased logic one events. These two binary streams are
then passed to a 10/100/1000 DAC and line driver which
converts the pulses to suitable analog line voltages. Refer
to Figure 8.
The 100BASE-TX MLT-3 signal sourced by the MDI+/- line
driver output pins is slew rate controlled. This should be
considered when selecting AC coupling magnetics to
ensure TP-PMD Standard compliant transition times (3 ns
< tr < 5 ns).
The 100BASE-TX transmit TP-PMD function within the
DP83865 outputs only MLT-3 encoded data. Binary data
outputs is not available from the MDI+/- in the 100 Mb/s
mode.
4.7.10 TX_ER
Assertion of the TX_ER input while the TX_EN is also
asserted will cause the DP83865 to substitute HALT code-
groups for the 5B data present at TXD[3:0]. However, the
Start-of-Stream Delimiter (SSD) /J/K/ and End-of-Stream
Delimiter (ESD) /T/R/ will not be substituted with HALT
code-groups. As a result, the assertion of TX_ER while
TX_EN is asserted will result in a frame properly encapsu-
lated with the /J/K/ and /T/R/ delimiters which contains
HALT code-groups in place of the data code-groups.
4.8 10BASE-T and 100BASE-TX Receiver
The 10BASE-T receiver converts Manchester codeing to 4-
bit nibble data to the MII. The 100BASE-TX receiver con-
sists of several sub functional blocks which convert the
scrambled MLT-3 125 Mb/s serial data stream to synchro-
nous 4-bit nibble data that is provided to the MII. The
10/100 Mb/s TP-PMD is integrated with the 1000 Mb/s.
The 10/100 differential input data MDI+/- is routed from
channel B of the isolation magnetics.
See Figure 8 for a block diagram of the 10BASE-T AND
100BASE-TX receive function. It provides an overview of
each functional block within the 10/100 receive section.
The 10BASE-T Receive section consists of the following
functional blocks:
—Receiver
— Clock and Data Recovery
— Manchester Decoder
—Link Detect
The 100BASE-T Receive section consists of the following
functional blocks:
— ADC Block
— Signal Detect
— BLW/EQ/AAC Correction
— Clock Recovery Module
— MLT-3 to NRZ Decoder
— Descrambler
— Serial to Parallel
—5B/4B Decoder
— Code Group Alignment
— Link Integrity Monitor
Other topics discussed are:
— Bad SSD Detection
— Carrier Sense
— Collision Detect
4.8.1 10BASE-T Receiver
The receiver includes differential buffer, offset and gain
compensation. The receiver provides the signal condition-
ing to the Clock and Data Recovery block.
4.8.2 Clock and Data Recovery
The Clock and Data Recovery block separates the
Manchester encoded data stream into internal clock sig-
nals and data. Once the input exceeds the squelch require-
ments, Carrier Sense (CRS) is asserted off the first edge
presented to the Manchester decoder.
4.8.3 Manchester Decoder
Once the Manchester decoder locks onto the incoming
data stream, it converts Manchester data to NRZ data. The
decoder detects the end of a frame when no more mid-bit
transitions are detected. Within one and a half bit times
Figure 7. NRZI to MLT-3 conversion
NRZI_in
MLT-3+
NRZI_in
MLT-3_plus
MLT-3_minus
Line
Driver
MLT-3/PAM-17
differential MLT-3
MLT-3
PAM-17_in
10, 100, 1000
20
Manchester
Converter
DAC
Manchester/
MLT-3-
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com