Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 42Page - National Semiconductor (TI) DP83865 Datasheet HTML 43Page - National Semiconductor (TI) DP83865 Datasheet HTML 44Page - National Semiconductor (TI) DP83865 Datasheet HTML 45Page - National Semiconductor (TI) DP83865 Datasheet HTML 46Page - National Semiconductor (TI) DP83865 Datasheet HTML 47Page - National Semiconductor (TI) DP83865 Datasheet HTML 48Page - National Semiconductor (TI) DP83865 Datasheet HTML 49Page - National Semiconductor (TI) DP83865 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
www.national.com
46
3.0 Configuration (Continued)
3.10.1 MII/GMII Interface
The link speed is determined by Auto-Negotiation, by
strapping options, or by register writes. Based on the
speed linked, an appropriate MAC interface is enabled.
3.10.2 RGMII Interface
The
Reduced
Gigabit
Media
Independent
Interface
(RGMII) is a proposed standard by HP and 3Com. RGMII
is an alternative data interface to GMII and MII. RGMII
reduces the MAC interface pin count to 12.
The RGMII can be enabled either through strapping option
or MDIO register write. The strapping pins are shared with
CRS/RGMII_SEL0 and TX_CLK/RGMII_SEL1 since CRS
and TX_CLK signals are not used in the RGMII mode.
To enable RGMII through software, Register AUX_CTL
0x12.13:12 should be “10” or “11” binary. Note that
enabling the RGMII interface disables GMII and MII inter-
faces.
3.11 Clock to MAC Enable
The DP83865 has a clock output (pin 85) that can be used
as a reference clock for other devices such as MAC or
switch silicon. The Clock to MAC output can be enabled
through strapping pins.
The Clock to MAC Enable Strap (pin 88) enables the clock
output. The output frequency can be selected between 25
MHz or 125 MHz. The frequency selection strapping pin is
combined with COL (pin 39), CLK_MAC_FRQ.
Note that upon power up, the clock output is available after
GPHY goes through its internal reset and initialization pro-
cess. The clock output can be interrupted when GPHY is
going through software reset.
3.12 MII/GMII/RGMII Isolate Mode
The DP83865 can be placed into MII/GMII/RGMII Isolate
mode by writing to bit 10 of the BMCR 0x00.
3.12.1 10/100 Mbps Isolate Mode
In Isolation Mode, the DP83865 does not respond to
packet data present at TXD[3:0], TX_EN, and TX_ER
inputs and presents a high impedance on the TX_CLK,
RX_CLK, RX_DV, RX_ER, RXD[3:0], COL, and CRS out-
puts. The DP83865 will continue to respond to all manage-
ment transactions through MDIO.
While in Isolate mode, all medium access operations are
disabled.
3.12.2 1000 Mbps Isolate Mode
During 1000 Mbps operation, the isolate mode will TRI-
STATE the GMII outputs of the GigPHYTER V. The PHY
also enters into the power down mode. All medium access
operations are halted. The only way to communicate to the
PHY is through MDIO management port.
3.13 Loopback Mode
The DP83865 includes a Loopback Test mode for easy
board diagnostics. The Loopback mode is selected through
bit 14 (Loopback) of BMCR 0x00. Writing 1 to this bit
enables MII/GMII transmit data to be routed to the MII/GMII
receive outputs. While in Loopback mode the data will not
be transmitted onto the media. This is true for 10Mbps, 100
Mbps, as well 1000 Mbps data.
In 10BASE-T, 100BASE-TX, 1000BASE-T Loopback mode
the data is routed through the PCS and PMA layers into the
PMD sublayer before it is looped back. Therefore, in addi-
tion to serving as a board diagnostic, this mode serves as
quick functional verification of the device.
3.14 IEEE 802.3ab Test Modes
IEEE 802.3ab specification for 1000BASE-T requires that
the PHY layer be able to generate certain well defined test
patterns on TX outputs. Clause 40 section 40.6.1.1.2 “Test
Modes” describes these tests in detail. There are four test
modes as well as the normal operation mode. These
modes can be selected by writing to the 1KTCR 0x09 as
shown.
Table 42. Auto-Negotiation Disabled
SPEED[1:0]
Link Strapped
Controller I/F
00
10BASE-T
MII
01
100BASE-TX
MII
10
1000BASE-T
GMII/RGMII
11
reserved
---
Table 43. Auto-Negotiation Enabled
Link Negotiated
Controller I/F
10BASE-T
MII
100BASE-TX
MII
1000BASE-T
GMII/RGMII
Table 44. RGMII Strapping for HP mode
Signal
Pin
Strap
CRS/RGMII_SEL0
40
0
TX_CLK/RGMII_SEL1
60
1
Table 45. RGMII Strapping for 3COM mode
Signal
Pin
Strap
CRS/RGMII_SEL0
40
1
TX_CLK/RGMII_SEL1
60
1
Table 46. IEEE Test Mode Select
bit 15
bit 14
bit 13
Test Mode Selected
1
0
0
= Test Mode 4
0
1
1
= Test Mode 3
0
1
0
= Test Mode 2
0
0
1
= Test Mode 1
0
0
0
= Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com