Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 68Page - National Semiconductor (TI) DP83865 Datasheet HTML 69Page - National Semiconductor (TI) DP83865 Datasheet HTML 70Page - National Semiconductor (TI) DP83865 Datasheet HTML 71Page - National Semiconductor (TI) DP83865 Datasheet HTML 72Page - National Semiconductor (TI) DP83865 Datasheet HTML 73Page - National Semiconductor (TI) DP83865 Datasheet HTML 74Page - National Semiconductor (TI) DP83865 Datasheet HTML 75Page - National Semiconductor (TI) DP83865 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
www.national.com
72
6.0 Electrical Specifications (Continued)
VIL
non-R/GMII
I
I/O
I/O_Z
Input Low
Voltage
GND
0.8
V
VOH
non-R/GMII
O,
I/O
I/O_Z
Output High
Voltage
IO_VDD = 2.5V
IO_VDD = 3.3V
IOH = -4.0 mA for
both
(IO_VDD -
0.5)
IO_VDD
V
VOL
non-R/GMII
O,
I/O
I/O_Z
Output Low
Voltage
IOL = 4.0 mA
GND
0.4
V
R strap
Strap
PU/PD internal
resistor value.
20 - 70
k
Ω
CIN1
I
CMOS Input
Capacitance
8pF
COUT1
O, I/O
I/O_Z
CMOS Output
Capacitance
8pF
R0 R/GMII
O, I/O_Z
Output impedance VOUT = IO_VDD / 2
35
Ohm
VOD-10
(MDI)
10 M Transmit
VDIFF
2.2
2.5
2.8
V peak
differential
VOD-100
(MDI)
100 M Transmit
VDIFF
Note 1
0.950
1.0
1.050
V peak
differential
VOD-1000
(MDI)
1000 M Transmit
VDIFF
0.67
0.745
0.82
V peak
differential
Note 1: Guaranteed by design.
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com