Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 38Page - National Semiconductor (TI) DP83865 Datasheet HTML 39Page - National Semiconductor (TI) DP83865 Datasheet HTML 40Page - National Semiconductor (TI) DP83865 Datasheet HTML 41Page - National Semiconductor (TI) DP83865 Datasheet HTML 42Page - National Semiconductor (TI) DP83865 Datasheet HTML 43Page - National Semiconductor (TI) DP83865 Datasheet HTML 44Page - National Semiconductor (TI) DP83865 Datasheet HTML 45Page - National Semiconductor (TI) DP83865 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
www.national.com
42
3.0 Configuration (Continued)
The Auto-Negotiation priority resolution are as follows:
1. 1000BASE-T Full Duplex (Highest Priority)
2. 1000BASE-T Half Duplex
3. 100BASE-TX Full Duplex
4. 100BASE-TX Half Duplex
5. 10BASE-T Full Duplex
6. 10BASE-T Half Duplex (Lowest Priority)
3.3.2 Gigabit Speed Fallback
When gigabit mode is advertised, the default auto-negotia-
tion mode attempts to establish link at the highest common
denominator advertised. However, there are situations that
the cable media may not be appropriate for the gigabit
speed communication. If achieving a quality link is the
highest priority, the Speed Fallback Mode can be enabled.
The Speed Fallback Mode allows auto-negotiation to link at
the next lower speed advertised (100Mbps or 10Mbps) if
the gigabit mode fails.
There are three criteria established to initiate the gigabit
Speed Fallback.
1. Auto-negotiation failing to achieve a stable gigabit link
2. CRC error rate
3. Idle error rate
There are four basic control register bits used to configure
the Speed Fallback. Expanded register 0x1C0.3 = 1
enables the Speed Fallback mode. LED Control Register
0x13.2:0 selects the criteria for the Speed Fallback.
The default for AN Speed Fallback is that after five tries to
achieve a stable link, the link speed will drop down to the
next lower advertised speed. The default CRC and IE
Speed Fallback is that after five link drops due to increase
error rate, the link speed drops down to the next lower
advertised speed. If during the link retry stage that the link
partner drops the link or the CAT5 cable is unplugged, the
retry counter will reload the retry count with the default
value of five.
Note that the Speed Fallback works only from gigabit mode
to 100 Mbps or 10 Mbps.
3.3.3 Gigabit Retry Forced Link
Under the situations that the cable media may not be
appropriate for the gigabit transmission, it may take exces-
sive number of retries to achieve a stable link. If achieving
a stable link is the highest priority, the Retry Forced Link
Mode can be enabled. Retry Forced Link Mode allows
auto-negotiation to force link at the highest common link
speed after five retries.
There are two criteria established to initiate the gigabit
Retry Forced Link.
1. CRC error rate
2. Idle error rate
There are three basic control register bits used to configure
the Speed Fallback and Retry Forced Link. Expanded reg-
ister 0x1C0.3 = 0 enables the Retry Forced Link mode (i.e.,
teh default mode upon power up). LED Control Register
0x13.1:0 selects the criteria for the Speed Fallback. Since
Retry Forced Link does not work when AN fails to achieve
stable link, LED Control Register 0x13.2 should be 0.
The default CRC and IE Retry Forced Link is that after five
link drops due to increase error rate, the link will be forced
at the highest advertised speed. If during the link retry
stage that the link partner drops the link or the CAT5 cable
is unplugged, the retry counter will reload the retry count
with the default value of five. Note that the retry may take
forever to achieve a forced link when link partner drops the
link or CAT5 cable is unplugged.
3.3.4 Master/Slave Resolution
If 1000BASE-T mode is selected during the priority resolu-
tion, the second goal of Auto-Negotiation is to resolve Mas-
ter/Slave configuration. The Master mode priority is given
to the device that supports multiport nodes, such as
switches and repeaters. Single node devices such as DTE
or NIC card takes lower Master mode priority.
MULTI_EN is a strapping option for advertising the Multi-
node functionality. (Table 36) In the case when both PHYs
advertise the same option, the Master/Slave resolution is
Table 33. Speed/Duplex Selection, AN_EN = 1
DUP
Speed[1] Speed[0]
Comments
0
0
0
1000/100/10 HDX
0
0
1
1000/100 HDX
0
1
0
1000 HDX
0
1
1
1000/10 HDX
1
0
0
1000/100/10 FDX + HDX
1
0
1
1000/100 FDX + HDX
1
1
0
1000 FDX + HDX
1
1
1
1000/10 FDX + HDX
Table 34. LED Control Reg 0x13, Reg 0x1C0.3 = 1
Bit 2, AN Bit 1, CRC Bit 0, IE
Comments
0
0
0
No Speed Fallback (SF)
0
0
1
SF on idle error
0
1
0
SF on CRC error
0
1
1
SF on idle and CRC
1
0
0
SF on failing AN
1
0
1
SF on AN and IE
1
1
0
SF on AN and CRC
1
1
1
SF on AN, CRC, and IE
Table 35. LED Control Reg 0x13, Reg 0x1C0.3 = 0
Bit 2, AN Bit 1, CRC
Bit 0, IE
Comments
0
0
0
No Retry Forced Link
(RFL)
0
0
1
RFL on idle error
0
1
0
RFL on CRC error
0
1
1
RFL on idle and CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com