Electronic Components Datasheet Search
  English  ▼

X  

DP83865 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83865
Description  DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83865 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button DP83865 Datasheet HTML 59Page - National Semiconductor (TI) DP83865 Datasheet HTML 60Page - National Semiconductor (TI) DP83865 Datasheet HTML 61Page - National Semiconductor (TI) DP83865 Datasheet HTML 62Page - National Semiconductor (TI) DP83865 Datasheet HTML 63Page - National Semiconductor (TI) DP83865 Datasheet HTML 64Page - National Semiconductor (TI) DP83865 Datasheet HTML 65Page - National Semiconductor (TI) DP83865 Datasheet HTML 66Page - National Semiconductor (TI) DP83865 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
63
www.national.com
5.0 Design Guide
The design guide in conjunction with the Reference Design
Schematics/BOM is intended to provide information to
assist in the design and layout of the DP83865 Gigabit
Ethernet Transceiver. The design guide covers the follow-
ing topics:
— Hardware Reset
—Clocks
— Power Supply Decoupling
— Sensitive Supply Pins
— PCB Layer Stacking
— Layout Notes on MAC Interface
— Twisted Pair Interface
— RJ-45 Connections
— Unused Pins / Reserved Pins
— LED/Strapping Configuration
— I/O Voltage Considerations
— Power-up Recommendations
— Compoment Selection
5.1 Hardware Reset
The active low RESET pin 33 should be held low for a min-
imum of 150
µs to allow hardware reset. For timing details
see Section 6.2. There is no on-chip internal power-on
reset and the DP83865 requires an external reset signal
applied to the RESET pin.
5.2 Clocks
The CLOCK_IN pin is the 25 MHz clock input to the
DP83865 used by the internal PLL. This input should come
from a 25 MHz clock oscillator or a crystal. (Check
Section 5.13.1 for component requirements.) When using
a crystal, CLOCK_OUT must be connected to the second
terminal of the crystal. For usage with a oscillator the
CLOCK_OUT pin should be left floating.
The output of the clock signal requires termination consid-
eration. The termination requirement depends on the trace
length of the clock signal. No series or load termination is
required for short traces less than 3 inches. For longer
traces termination resistors are recommended.
There are a number of ways to terminate clock traces when
an oscillator is used. The commonly used types are series
and parallel termination. Series termination consumes less
power and it is the recommended termination. The value of
the series termination resistor is chosen to match the trace
characteristics impedance. For example, if the clock
source has an output impedance of 20
Ω and the clock
trace has the characteristic impedance Zo = 50
Ω then Rs =
50 - 20 = 30
Ω. The series source termination Rs should be
placed close to the output of the oscillator.
The parallel termination consumes more power than series
termination, and yields faster rise and fall times. The value
of the termination is equal to the trace characteristic imped-
ance, RT = Zo. The parallel termination RT should be
placed close to the CLOCK_IN pin to eliminate reflections.
In cases there are multiple PHY deivces reside on the
same board, it may be cost effective to use one oscillator
with a high speed PLL clock distribution driver. Connecting
multiple clock inputs in a daisy chained style should be
avoided, especially when series termination is applied.
No termination is necessary if a crystal is used. The crystal
should be placed as close as possible to the CLOCK pins.
The capacitors C1 and C2 are used to adjust the load
capacitance on these pins. (Figure 13.) The total load
capacitance (C1, C2 and crystal) must be within a certain
range for the DP83865 to function properly (see Table 55
for crystal requirements). The parallel resistor RT is recom-
mended by some crystal vendors. Refer to the vendor’s
crystal datasheet for details.
Adequate and proper decoupling is important to the clock
oscillator performance. A multilayer ceramic chip capacitor
should be placed as close to the oscillator’s VDD pin as
possible to supply the additional current during the tran-
sient switching.
EMI is another consideration when designing the clock cir-
cuitry. The EMI field strength is proportional to the current
flow, frequency, and loop area. By applying series termina-
tion, the current flow is less than parallel termination and
the edge speed is slower, making it desirable for EMI con-
siderations. The loop area is defined as the trace length
times the distance to the ground plane, i.e., the current
return path. Keeping the clock trace as short as possible
reduces the loop area that reduces EMI.
It is best to place the oscillator towards the center of the
PCB rather than at the edge. The radiated magnetic field
tends to be stronger when traces are running along the
PCB edge. If the trace has to run along the edge of the
board, make sure the trace to board edge distance is larger
than the trace to ground plane distance. This makes the
field around the trace more easily coupled to the ground
than radiating off the edge. If the clock trace is placed on
the surface layer, placing a parallel ground trace on each
side of the clock trace localizes the EMI and also prevent
crosstalk to adjacent traces.
Burying the clock trace in
Figure 13. Clock Input Circuit
25MHz
DP83865
CLOCK_IN
CLOCK_OUT
Zo
RT
(Optional)
VDD = 3.3 V
VDD
GND
EN
DP83865
CLOCK_IN
CLOCK_OUT
25MHz
C1
C2
RT
Oscillator option circuit
Crystal option circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com