Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 234 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 234 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 230Page - National Semiconductor (TI) PC87591L Datasheet HTML 231Page - National Semiconductor (TI) PC87591L Datasheet HTML 232Page - National Semiconductor (TI) PC87591L Datasheet HTML 233Page - National Semiconductor (TI) PC87591L Datasheet HTML 234Page - National Semiconductor (TI) PC87591L Datasheet HTML 235Page - National Semiconductor (TI) PC87591L Datasheet HTML 236Page - National Semiconductor (TI) PC87591L Datasheet HTML 237Page - National Semiconductor (TI) PC87591L Datasheet HTML 238Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
234
Revision 1.07
Flash Memory Section Erase End Time Register (FLSEND)
The FLSEND register controls the section erase end delay time. FTSEND defaults to (3216) on reset.
Location: 00 F8DC16
Type: R/W
Flash Memory Recovery Time Register (FLRCV)
The FLRCV register controls the recovery time required between two accesses. FTRCV defaults to (0416) on reset.
Location: 00 F8DE16
Type: R/W
Bit
76543210
Name
FTSEND
Reset
00110010
Bit
Description
7-0
FTSEND (Section Erase End Delay Count). This register should be configured based on the currently set core
frequency. See Table 33 on page 223 for details of required values.
Bit
76543210
Name
FTRCV
Reset
00000100
Bit
Description
7-0
FTRCV (Recovery Time). This register should be configured based on the currently set core frequency. See
Table 33 on page 223 for details of required values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com