Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 268 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 268 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 264Page - National Semiconductor (TI) PC87591L Datasheet HTML 265Page - National Semiconductor (TI) PC87591L Datasheet HTML 266Page - National Semiconductor (TI) PC87591L Datasheet HTML 267Page - National Semiconductor (TI) PC87591L Datasheet HTML 268Page - National Semiconductor (TI) PC87591L Datasheet HTML 269Page - National Semiconductor (TI) PC87591L Datasheet HTML 270Page - National Semiconductor (TI) PC87591L Datasheet HTML 271Page - National Semiconductor (TI) PC87591L Datasheet HTML 272Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
268
Revision 1.07
Debug Receive Status Register (DBGRXST)
DBGRXST is a byte-wide register updated by the TAP controller to reflect the PID and MSG_LEN fields of the SCAN_RX
instruction. Bits 1 to 7 of this register are read-only bits; data written to them is ignored. The register format is shown below.
Location: 00 FDE016
Type: Varies per bit
Debug Transmit Data Registers 0, 2, 4, 6, 8, 10, 12 and 14 (DBGTXD0-14)
DBGTXD0 to DBGTXD14 is a group of eight word-wide read/write registers. The DBGTXD0-14 registers are written by a
processor from the peripheral bus. A representative DBGTXDi register is shown below.
Location: Channel 0 - 00 FDD016
Channel 2 - 00 FDD216
Channel 4 - 00 FDD416
Channel 6 - 00 FDD616
Channel 8 - 00 FDD816
Channel 10 - 00 FDDA16
Channel 12 - 00 FDDC16
Channel 14 - 00 FDDE16
Type: R/W
Bit
76543210
Name
MSG_LEN
PID
RX_BUSY
Bit
Type
Description
0
R/W
RX_BUSY (Receive Busy). Data link busy indication. This bit can be cleared by writing 1 to it. Writing
0 is ignored.
0: Not Busy
1: Busy
4-1
RO
PID (Processor Index). A write operation to this field is ignored.
Bit Value
(Decimal) Description
0:
Processor ID index
1-14:
Invalid
15:
All processors abort
7-5
RO
MSG_LEN. The message length equals (MSG_LEN+1). Write operations to this field are ignored.
Bit
15
14
13
12
11
10
9876543210
Name
TX_DATAi
Bit
Description
15-0
TX_DATAi (Transmit Data i). Data bits i*16 through i*16+15 of the transmit buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com