Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 106 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 106 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 102Page - Microchip Technology MCP19124 Datasheet HTML 103Page - Microchip Technology MCP19124 Datasheet HTML 104Page - Microchip Technology MCP19124 Datasheet HTML 105Page - Microchip Technology MCP19124 Datasheet HTML 106Page - Microchip Technology MCP19124 Datasheet HTML 107Page - Microchip Technology MCP19124 Datasheet HTML 108Page - Microchip Technology MCP19124 Datasheet HTML 109Page - Microchip Technology MCP19124 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 236 page
background image
MCP19124/5
DS20005619A-page 106
 2016 Microchip Technology Inc.
16.3.1
OSCILLATOR DELAY UPON
POWER-UP, WAKE-UP AND BASE
FREQUENCY CHANGE
In applications where the OSCTUNE register is used to
shift the frequency of the internal oscillator, the
application should not expect the frequency of the
internal oscillator to stabilize immediately. In this case,
the frequency may shift gradually toward the new
value. The time for this frequency shift is less than eight
cycles of the base frequency.
On power-up, the device is held in reset by the
power-up time if the power-up timer is enabled.
Following a wake-up from Sleep mode or POR, an
internal delay of ~10 µs is invoked to allow the memory
bias to stabilize before program execution can begin.
TABLE 16-1:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
105
Legend: — = unimplemented locations, read as ‘0’. Shaded cells are not used by clock sources.
TABLE 16-2:
SUMMARY OF CONFIGURATION WORD ASSOCIATED WITH CLOCK SOURCES
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CALWD6
13:8
—
—
—
—
—
—
—
—
62
7:0
—
FCAL6
FCAL5
FCAL4
FCAL3
FCAL2
FCAL1
FCAL0
Legend: — = unimplemented locations, read as ‘0’. Shaded cells are not used by clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com