Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 133 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 133 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 129Page - Microchip Technology MCP19124 Datasheet HTML 130Page - Microchip Technology MCP19124 Datasheet HTML 131Page - Microchip Technology MCP19124 Datasheet HTML 132Page - Microchip Technology MCP19124 Datasheet HTML 133Page - Microchip Technology MCP19124 Datasheet HTML 134Page - Microchip Technology MCP19124 Datasheet HTML 135Page - Microchip Technology MCP19124 Datasheet HTML 136Page - Microchip Technology MCP19124 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 133
MCP19124/5
REGISTER 20-4:
PMADRH: PROGRAM MEMORY ADDRESS HIGH BYTE REGISTER
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
PMADRH<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
PMADRH<3:0>: 4 Most Significant Address bits or High bits for Program Memory Reads
REGISTER 20-5:
PMCON1: PROGRAM MEMORY CONTROL REGISTER 1
U-0
R/W-0
U-0
U-0
U-0
R/W-0
R/S-0
R/S-0
—
CALSEL
—
—
—WREN
WR
RD
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
S = Bit can only be set
bit 7
Unimplemented: Read as '0'
bit 6
CALSEL: Program Memory Calibration Space Select bit
1
= Select test memory area for reads only (for loading calibration trim registers)
0
= Select user area for reads
bit 5-3
Unimplemented: Read as '0'
bit 2
WREN: Program Memory Write Enable bit
1
= Allows write cycles
0
= Inhibits write to the EEPROM
bit 1
WR: Write Control bit
1
= Initiates a write cycle to program memory. (The bit is cleared by hardware when write is complete.
The WR bit can only be set (not cleared) in software.)
0
= Write cycle to the Flash memory is complete
bit 0
RD: Read Control bit
1
= Initiates a program memory read. (The read takes one cycle. The RD is cleared in hardware; the
RD bit can only be set (not cleared) in software.)
0
= Does not initiate a Flash memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com