Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 137 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 137 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 133Page - Microchip Technology MCP19124 Datasheet HTML 134Page - Microchip Technology MCP19124 Datasheet HTML 135Page - Microchip Technology MCP19124 Datasheet HTML 136Page - Microchip Technology MCP19124 Datasheet HTML 137Page - Microchip Technology MCP19124 Datasheet HTML 138Page - Microchip Technology MCP19124 Datasheet HTML 139Page - Microchip Technology MCP19124 Datasheet HTML 140Page - Microchip Technology MCP19124 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 137
MCP19124/5
21.0 TIMER0 MODULE
The Timer0 module is an 8-bit timer/counter with the
following features:
• 8-bit timer/counter register (TMR0)
• 8-bit prescaler
• Programmable internal or external clock source
• Programmable external clock edge selection
• Interrupt on overflow
Figure 21-1 is a block diagram of the Timer0 module.
FIGURE 21-1:
TIMER0 BLOCK DIAGRAM
21.1
Timer0 Operation
The Timer0 module can be used as either an 8-bit timer
or an 8-bit counter.
21.1.1
8-BIT TIMER MODE
The Timer0 module will increment every instruction
cycle, if used without a prescaler. 8-Bit Timer mode is
selected by clearing the T0CS bit in the OPTION_REG
register.
When TMR0 is written, the increment is inhibited for
two instruction cycles immediately following the write.
21.1.2
8-BIT COUNTER MODE
In 8-Bit Counter mode, the Timer0 module will increment
on every rising or falling edge of the T0CKI pin. The
incrementing edge is determined by the T0SE bit in the
OPTION_REG register.
8-Bit Counter mode using the T0CKI pin is selected by
setting the T0CS bit in the OPTION_REG register to ‘1’.
21.1.3
SOFTWARE PROGRAMMABLE
PRESCALER
A single software programmable prescaler is available
for use with either Timer0 or the Watchdog Timer
(WDT), but not both simultaneously. The prescaler
assignment is controlled by the PSA bit in the
OPTION_REG register. To assign the prescaler to
Timer0, the PSA bit must be cleared to ‘0’.
There are eight prescaler options for the Timer0
module ranging from 1:2 to 1:256. The prescale values
are
selectable
via
the
PS<2:0>
bits
in
the
OPTION_REG register. In order to have a 1:1 prescaler
value for the Timer0 module, the prescaler must be
disabled by setting the PSA bit in the OPTION_REG
register.
The prescaler is not readable or writable. When
assigned to the Timer0 module, all instructions writing to
the TMR0 register will clear the prescaler.
T0CKI
TMR0SE
TMR0
PS<2:0>
Data Bus
Set Flag bit TMR0IF
on Overflow
TMR0CS
0
1
0
1
8
8
8-bit
Prescaler
FOSC/4
PSA
Sync
2 TCY
Overflow to Timer1
Note:
The value written to the TMR0 register
can be adjusted, in order to account for
the two instruction cycle delay when
TMR0 is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com