Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 139 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 139 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 135Page - Microchip Technology MCP19124 Datasheet HTML 136Page - Microchip Technology MCP19124 Datasheet HTML 137Page - Microchip Technology MCP19124 Datasheet HTML 138Page - Microchip Technology MCP19124 Datasheet HTML 139Page - Microchip Technology MCP19124 Datasheet HTML 140Page - Microchip Technology MCP19124 Datasheet HTML 141Page - Microchip Technology MCP19124 Datasheet HTML 142Page - Microchip Technology MCP19124 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 139
MCP19124/5
22.0 TIMER1 MODULE WITH GATE
CONTROL
The Timer1 module is a 16-bit timer with the following
features:
• 16-bit timer register pair (TMR1H:TMR1L)
• Readable and writable (both registers)
• Selectable internal clock source
• 2-bit prescaler
• Interrupt on overflow
Figure 22-1 is a block diagram of the Timer1 module.
FIGURE 22-1:
TIMER1 BLOCK DIAGRAM
22.1
Timer1 Operation
The Timer1 module is a 16-bit incrementing timer that
is accessed through the TMR1H:TMR1L register pair.
Writes to TMR1H or TMR1L directly update the
counter. The timer is incremented on every instruction
cycle.
Timer1 is enabled by configuring the TMR1ON bit in the
T1CON register. Register 22-1 displays the Timer1
enable selections.
22.2
Clock Source Selection
The TMR1CS bit in the T1CON register is used to select
the clock source for Timer1. Table 22-1 displays the
clock source selections.
22.2.1
INTERNAL CLOCK SOURCE
The TMR1H:TMR1L register pair will increment on
multiples of FOSC or FOSC/4 as determined by the
Timer1 prescaler.
As an example, when the FOSC internal clock source is
selected, the Timer1 register value will increment by four
counts every instruction clock cycle.
TMR1H
TMR1L
TMR1CS
T1CKPS<1:0>
1
0
2
Set flag bit
TMR1IF on
Overflow
TMR1ON
Note 1: TMR1 register increments on rising edge.
FOSC
TMR1 (1)
Prescaler
1, 2, 4, 8
TABLE 22-1:
CLOCK SOURCE
SELECTIONS
TMR1CS
Clock Source
1
8 MHz system clock (FOSC)
0
2 MHz instruction clock (FOSC/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com