Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 131 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 131 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 127Page - Microchip Technology MCP19124 Datasheet HTML 128Page - Microchip Technology MCP19124 Datasheet HTML 129Page - Microchip Technology MCP19124 Datasheet HTML 130Page - Microchip Technology MCP19124 Datasheet HTML 131Page - Microchip Technology MCP19124 Datasheet HTML 132Page - Microchip Technology MCP19124 Datasheet HTML 133Page - Microchip Technology MCP19124 Datasheet HTML 134Page - Microchip Technology MCP19124 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 131
MCP19124/5
20.0 FLASH PROGRAM MEMORY
CONTROL
The Flash program memory is readable and writable
during normal operation (full VIN range). This memory is
not directly mapped in the register file space. Instead, it
is indirectly addressed through the Special Function
Registers (refer to Registers 20-1 to 20-5). There are
six SFRs used to read and write this memory:
•PMCON1
•PMCON2
•PMDATL
•PMDATH
•PMADRL
•PMADRH
When interfacing the program memory block, the
PMDATL and PMDATH registers form a two-byte
word, which holds the 14-bit data for read/write, and
the PMADRL and PMADRH registers form a two-byte
word, which holds the 13-bit address of the FLASH
location being accessed. These devices have
8k words of program Flash with an address range from
0000h to 1FFFh.
The program memory allows single-word read and a
four-word write. A four-word write automatically erases
the row of the location and writes the new data (erase
before write).
The write time is controlled by an on-chip timer. The
write/erase voltages are generated by an on-chip
charge pump rated to operate over the voltage range
of the device for byte or word operations.
When the device is code-protected, the CPU may
continue to read and write the Flash program memory.
Depending on the settings of the Flash Program
Memory Enable (WRT<1:0>) bits, the device may or
may not be able to write certain blocks of the program
memory; however, reads of the program memory are
allowed.
When the Flash Program Memory Code Protection
(CP) bit is enabled, the program memory is
code-protected and the device programmer (ICSP)
cannot access data or program memory.
20.1
PMADRH and PMADRL Registers
The PMADRH and PMADRL registers can address up
to a maximum of 8k words of program memory.
When selecting a program address value, the Most
Significant Byte (MSB) of the address is written to the
PMADRH register and the Least Significant Byte
(LSB) is written to the PMADRL register.
20.2
PMCON1 and PMCON2 Registers
The PMCON1 register is the control register for the
data program memory accesses.
Control bits RD and WR initiate read and write,
respectively. In software, these bits can only be set,
not cleared. They are cleared in hardware at
completion of the read or write operation. The inability
to clear the WR bit in software prevents the accidental
premature termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear.
The CALSEL bit allows the user to read locations in
test memory in case there are calibration bits stored in
the calibration word locations that need to be
transferred to SFR trim registers. The CALSEL bit is
only for reads. If a write operation is attempted with
CALSEL = 1, no write will occur.
PMCON2 is not a physical register. Reading PMCON2
will read all ‘0’s. The PMCON2 register is used
exclusively in the flash memory write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com