Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 128 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 128 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 124Page - Microchip Technology MCP19124 Datasheet HTML 125Page - Microchip Technology MCP19124 Datasheet HTML 126Page - Microchip Technology MCP19124 Datasheet HTML 127Page - Microchip Technology MCP19124 Datasheet HTML 128Page - Microchip Technology MCP19124 Datasheet HTML 129Page - Microchip Technology MCP19124 Datasheet HTML 130Page - Microchip Technology MCP19124 Datasheet HTML 131Page - Microchip Technology MCP19124 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 236 page
background image
MCP19124/5
DS20005619A-page 128
 2016 Microchip Technology Inc.
FIGURE 19-4:
ANALOG INPUT MODEL
FIGURE 19-5:
ADC TRANSFER FUNCTION
CPIN
VA
RS
Analog
5 pF
VDD
VT  0.6V
VT  0.6V
RIC  1k
SS RSS
CHOLD = 10 pF
AGND/VREF-
6V
Sampling Switch
5V
4V
3V
2V
56 7 8 91011
(kW)
VDD
RSS
Note 1: Refer to Section 4.0 “Electrical Characteristics”.
Input
pin
Sampling
Switch
ILEAKAGE(1)
Legend:
CHOLD = Sample/Hold Capacitance
CPIN = Input Capacitance
ILEAKAGE = Leakage current at the pin due to various junctions
RIC = Interconnect Resistance
RSS = Resistance of Sampling Switch
SS = Sampling Switch
VT = Threshold Voltage
3FFh
3FEh
3FDh
3FCh
03h
02h
01h
00h
Full-Scale
3FBh
0.5 LSB
VREF-
Zero-Scale
Transition
VREF+
Transition
1.5 LSB
Full-Scale Range
Analog Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com