Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 127 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 127 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 123Page - Microchip Technology MCP19124 Datasheet HTML 124Page - Microchip Technology MCP19124 Datasheet HTML 125Page - Microchip Technology MCP19124 Datasheet HTML 126Page - Microchip Technology MCP19124 Datasheet HTML 127Page - Microchip Technology MCP19124 Datasheet HTML 128Page - Microchip Technology MCP19124 Datasheet HTML 129Page - Microchip Technology MCP19124 Datasheet HTML 130Page - Microchip Technology MCP19124 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 127
MCP19124/5
19.4
A/D Acquisition Requirements
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the input channel voltage level. The Analog
Input model is shown in Figure 19-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD), refer
to
Figure 19-4.
The
maximum
recommended
impedance for analog sources is 10 k
.
As the source impedance is decreased, the acquisition
time may be decreased. After the analog input channel
is selected (or changed), an A/D acquisition must be
done before the conversion can be started. To calculate
the minimum acquisition time, Equation 19-1 may be
used. This equation assumes that 1/2 LSb error is used
(1,024 steps for the ADC). The 1/2 LSb error is the
maximum error allowed for the ADC to meet its
specified resolution.
EQUATION 19-1:
ACQUISITION TIME EXAMPLE
T
ACQ
Amplifier Settling Time
Hold Capacitor Charging Time
Temperature Coefficient
++
=
T
AMP
T
C
T
COFF
++
=
2 µs
T
C
Temperature - 25°C
 0.05 µs/°C


++
=
T
C
C
HOLD
R
IC
R
SS
R
S
++
 ln(1/2047)
–
=
10 pF 1 k
7 k10 k
++

–
ln(0.0004885)
=
1.37
=µs
V
APPLIED
1e
T
C
–
RC
----------
–





V
APPLIED
1
1
2
n1
+
 1
–
------------------------------
–



=
V
APPLIED
1
1
2
n1
+
 1
–
------------------------------
–



V
CHOLD
=
V
APPLIED
1e
T
C
–
RC
----------
–





V
CHOLD
=
;[1] VCHOLD charged to within 1/2 lsb
;[2] VCHOLD charge response to VAPPLIED
;combining [1] and [2]
The value for TC can be approximated with the following equations:
Solving for TC:
Therefore:
Temperature
+50°C and external impedance of 10 k
 5.0V VDD
=
Assumptions:
Note: Where n = number of bits of the ADC.
T
ACQ
2 µs
1.37µs
50°C- 25°C
 0.05µs/°C


++
=
4.67 µs
=
Note1: The charge holding capacitor (CHOLD) is not discharged after each conversion.
2: The maximum recommended impedance for analog sources is 10 k
. This is required to
meet the pin leakage specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com