Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 124 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 124 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 120Page - Microchip Technology MCP19124 Datasheet HTML 121Page - Microchip Technology MCP19124 Datasheet HTML 122Page - Microchip Technology MCP19124 Datasheet HTML 123Page - Microchip Technology MCP19124 Datasheet HTML 124Page - Microchip Technology MCP19124 Datasheet HTML 125Page - Microchip Technology MCP19124 Datasheet HTML 126Page - Microchip Technology MCP19124 Datasheet HTML 127Page - Microchip Technology MCP19124 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 236 page
background image
MCP19124/5
DS20005619A-page 124
 2016 Microchip Technology Inc.
19.3
ADC Register Definitions
The following registers are used to control the
operation of the ADC:
REGISTER 19-1:
ADCON0: A/D CONTROL REGISTER 0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7
Unimplemented: Read as ‘0’
bit 6-2
CHS<4:0>: Analog Channel Select bits
00000
= VIN/n analog voltage measurement (VIN/n =VIN/15.5328)
00001
= VREF (DAC reference voltage setting current regulation level)
00010
= OVREF (reference for overvoltage comparator)
00011
= VBGR (band gap reference)
00100
= VS (Voltage proportional to VOUT)
00101
= EA_SC (Error amp after Slope Compensation output)
00110
= A2 (Secondary Current Sense Amplifier output)
00111
= Pedestal (Pedestal Voltage)
01000
= Reserved
01001
= Reserved
01010
= IP_ADJ (IP after Pedestal and Offset Adjust (at PWM Comparator))
01011
= IP_OFF_REF (IP Offset Reference)
01100
= VDR/n (VDR/n analog driver voltage measurement = 0.229V/V x VDR)
01101
= TEMP_SNS (analog voltage representing internal temperature)
01110
= DLL_VCON (Delay Locked-Loop Voltage Reference – Control voltage for dead time)
01111
= SLPCMP_REF (Slope compensation reference)
10000
= EAOR (OR’d output node from the two error amplifiers EA1 & EA2)
10001
= Unimplemented
10010
= Unimplemented
10011
= Unimplemented
10100
= Unimplemented
10101
= Unimplemented
10110
= Unimplemented
10111
= Unimplemented
11000
= GPA0/AN0 (i.e. ADDR1)
11001
= GPA1/AN1 (i.e. ADDR0)
11010
= GPA2/AN2 (i.e. Temperature Sensor Input)
11011
= GPA3/AN3 (i.e. BIN)
11100
= GPB1/AN4
11101
= GPB4/AN5 (MCP19125 only)
11110
= GPB5/AN6 (MCP19125 only)
11111
= GPB6/AN7 (MCP19125 only)
bit 1
GO/DONE: A/D Conversion Status bit
1
= A/D conversion cycle in progress. Setting this bit starts an A/D conversion cycle.
This bit is automatically cleared by hardware when the A/D conversion has completed.
0
= A/D conversion completed/not in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com