Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 120 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 120 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 116Page - Microchip Technology MCP19124 Datasheet HTML 117Page - Microchip Technology MCP19124 Datasheet HTML 118Page - Microchip Technology MCP19124 Datasheet HTML 119Page - Microchip Technology MCP19124 Datasheet HTML 120Page - Microchip Technology MCP19124 Datasheet HTML 121Page - Microchip Technology MCP19124 Datasheet HTML 122Page - Microchip Technology MCP19124 Datasheet HTML 123Page - Microchip Technology MCP19124 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 236 page
background image
MCP19124/5
DS20005619A-page 120
 2016 Microchip Technology Inc.
19.1
ADC Configuration
When configuring and using the ADC, the following
functions must be considered:
• Port configuration
• Channel selection
• ADC conversion clock source
• Interrupt control
• Result formatting
19.1.1
PORT CONFIGURATION
The ADC is used to convert analog signals into a
corresponding digital representation. When converting
analog signals, the I/O pin should be configured for
analog by setting the associated TRIS and ANSEL bits.
Refer to Section 17.0 “I/O Ports” for more
information.
19.1.2
CHANNEL SELECTION
There are up to 21 channel selections available for the
MCP19124 and 24 channels for the MCP19125:
• AN<4:0> pins
• AN<7:5> pins (MCP19125 only)
•VIN: 1/15.53 of the input voltage (VIN)
•VREF: voltage reference for regulation set point
•OVREF: reference for OV comparator
•VBGR: band gap reference
•VS: voltage proportional to VOUT
• EA_SC: error amplifier output after slope
compensation
• A2: secondary current sense amplifier output
• Pedestal
• Reserved
• Reserved
• IP_ADJ: IP after pedestal and offset adjust
• IP_OFF_REF: IP offset reference
•VDR: VDR x 0.229V/V
• TEMP_SNS: analog voltage representing internal
temperature (refer to Equation 25-1)
• DLL_VCON: delay locked loop voltage reference
• SLPCMP_REF: slope compensation reference
The CHS<4:0> bits in the ADCON0 register determine
which channel is connected to the sample-and-hold
circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 19.2
“ADC Operation” for more information.
19.1.3
ADC CONVERSION CLOCK
The source of the conversion clock is software
selectable via the ADCS bits in the ADCON1 register.
There are five possible clock options:
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (clock derived from internal oscillator with a
divisor of 16)
The time to complete one-bit conversion is defined as
TAD. One full 10-bit conversion requires 11 TAD periods,
as shown in Figure 19-2.
For a correct conversion, the appropriate TAD
specification must be met. Refer to the A/D conversion
requirements
in
Section 4.0
“Electrical
Characteristics” for more information. Table 19-1
gives examples of appropriate ADC clock selections.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.
TABLE 19-1:
ADC CLOCK PERIOD (TAD) VS.
DEVICE OPERATING
FREQUENCIES
ADC Clock Period (TAD)
Device
Frequency
(FOSC)
ADC
Clock Source
ADCS<2:0>
8 MHz
FOSC/8
001
1.0 µs (1)
FOSC/16
101
2.0 µs
FOSC/32
010
4.0 µs
FOSC/64
110
8.0 µs (2)
FRC
x11
2.0-6.0 µs (3, 4)
Legend: Shaded cells are outside of
recommended range.
Note 1: These values violate the minimum
required TAD time.
2: For faster conversion times, the selection
of another clock source is recommended.
3: The FRC source has a typical TAD time of
4 µs for VDD >3.0V.
4: The FRC clock source is only
recommended if the conversion will be
performed during Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com