Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 119 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 119 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 115Page - Microchip Technology MCP19124 Datasheet HTML 116Page - Microchip Technology MCP19124 Datasheet HTML 117Page - Microchip Technology MCP19124 Datasheet HTML 118Page - Microchip Technology MCP19124 Datasheet HTML 119Page - Microchip Technology MCP19124 Datasheet HTML 120Page - Microchip Technology MCP19124 Datasheet HTML 121Page - Microchip Technology MCP19124 Datasheet HTML 122Page - Microchip Technology MCP19124 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 119
MCP19124/5
19.0 ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs
that
are
multiplexed
into
a
single
sample-and-hold
circuit.
The
output
of
the
sample-and-hold is connected to the input of the
converter. The converter generates a 10-bit binary
result via successive approximation and stores the
right justified conversion result into the ADC result
registers
(ADRESH:ADRESL
register
pair).
Figure 19-1 shows the block diagram of the ADC.
The internal band gap supplies the voltage reference to
the ADC.
FIGURE 19-1:
ADC BLOCK DIAGRAM
Note:
Once
VIN
is
greater
than
AVDD +VDROPOUT, AVDD is in regulation,
allowing A/D readings to be accurate.
Once VIN is greater than VDD +VDROPOUT,
VDD is in regulation. Setting the ADC
reference
to
VDD allows accurate
ratiometric measurements.
GPA0/AN0
VREF
IP_ADJ
VBGR*
EA_SC
OVREF
VS
CHS4: CHS0
ADC
ADON
GO/DONE
ADRESH ADRESL
10
10
AGND
A2
RESERVED
IP_OFF_REF
VIN/n
GPA1/AN1
GPA2/AN2
GPA3/AN3
GPB1/AN4
GPB4/AN5
GPB5/AN6
GPB6/AN7
CHS4: CHS0
VDR/n
TEMP_SNS
PEDESTAL
DLL_VCON
SLPCMP_REF
DD
00000
00001
00010
00011
00100
00101
00110
00111
01000
01001
01010
01011
01100
01101
01110
01111
11000
11001
11010
11011
11100
11101
11110
11111
TRI-STATE
10000
10001
10010
10011
EAOR
SPARE
SPARE
SPARE
x0xxx
RESERVED
o
o
VCFG = 0
VCFG = 1
AV
DD
V
MCP19125 only
Note 1: When ADON = 0, all multiplexer inputs are disconnected.
2: Refer to ADCON0 register for detailed analog channel
selection per device.
MCP19125 only
MCP19125 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com