Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 116 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 116 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 112Page - Microchip Technology MCP19124 Datasheet HTML 113Page - Microchip Technology MCP19124 Datasheet HTML 114Page - Microchip Technology MCP19124 Datasheet HTML 115Page - Microchip Technology MCP19124 Datasheet HTML 116Page - Microchip Technology MCP19124 Datasheet HTML 117Page - Microchip Technology MCP19124 Datasheet HTML 118Page - Microchip Technology MCP19124 Datasheet HTML 119Page - Microchip Technology MCP19124 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 236 page
background image
MCP19124/5
DS20005619A-page 116
 2016 Microchip Technology Inc.
18.5
Interrupt-On-Change Registers
REGISTER 18-1:
IOCA: INTERRUPT-ON-CHANGE PORTGPA REGISTER
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
IOCA7
IOCA6
IOCA5
—
IOCA3
IOCA2
IOCA1
IOCA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-6
IOCA<7:6>: Interrupt-on-Change PORTGPA register bits
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
bit 5
IOCA5: Interrupt-on-Change PORTGPA register bit (1)
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
bit 4
Unimplemented: Read as ‘0’
bit 3-0
IOCA<3:0>: Interrupt-on-Change PORTGPA register bits
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
Note 1: The Interrupt-on-Change on GPA5 is disabled if GPA5 is configured as MCLR.
REGISTER 18-2:
IOCB: INTERRUPT-ON-CHANGE PORTGPB REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
IOCB7 (1)
IOCB6 (1)
IOCB5 (1)
IOCB4 (1)
—
—IOCB1
IOCB0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-4
IOCB<7:4>: Interrupt-on-Change PORTGPB register bits
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
IOCB<1:0>: Interrupt-on-Change PORTGPB register bits
1
= Interrupt-on-change enabled on the pin.
0
= Interrupt-on-change disabled on the pin.
Note 1: MCP19125 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com