Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 114 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 114 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 110Page - Microchip Technology MCP19124 Datasheet HTML 111Page - Microchip Technology MCP19124 Datasheet HTML 112Page - Microchip Technology MCP19124 Datasheet HTML 113Page - Microchip Technology MCP19124 Datasheet HTML 114Page - Microchip Technology MCP19124 Datasheet HTML 115Page - Microchip Technology MCP19124 Datasheet HTML 116Page - Microchip Technology MCP19124 Datasheet HTML 117Page - Microchip Technology MCP19124 Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 236 page
background image
MCP19124/5
DS20005619A-page 114
 2016 Microchip Technology Inc.
REGISTER 17-8:
ANSELB: ANALOG SELECT GPB REGISTER
U-0
R/W-1
R/W-1
R/W-1
U-0
U-0
R/W-1
U-0
—
ANSB6 (1)
ANSB5 (1)
ANSB4 (1)
—
—
ANSB1
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7
Unimplemented: Read as‘0’
bit 6-4
ANSB<6:4>: Analog Select GPA Register bits
1
= Analog input. Pin is assigned as analog input (2).
0
= Digital I/O. Pin is assigned to port or special function.
bit 3-2
Unimplemented: Read as ‘0’
bit 1
ANSB<1>: Analog Select GPA Register bit
1
= Analog input. Pin is assigned as analog input (2).
0
= Digital I/O. Pin is assigned to port or special function.
bit 0
Unimplemented: Read as‘0’
Note 1: MCP19125 only.
2: Setting a pin to an analog input automatically disables the digital input circuitry, weak pull-ups and
interrupt-on-change if available. The corresponding TRIS bit must be set to Input mode in order to allow
external control of the voltage on the pin.
TABLE 17-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTGPB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELB
—
ANSB6 (1) ANSB5 (1) ANSB4 (1)
—
—
ANSB1
—
114
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
78
PORTGPB
GPB7 (1)
GPB6 (1)
GPB5 (1)
GPB4 (1)
—
—
GPB1
GPB0
112
TRISGPB
TRISB7 (1) TRISB6 (1)
TRISB5
(1)
TRISB4
(1)
—
—
TRISB1
TRISB0
113
WPUGPB
WPUB7 (1) WPUB6 (1)
WPUB5
(1)
WPUB4
(1)
—
—
WPUB1
—
113
Legend: — = unimplemented locations, read as ‘0’. Shaded cells are not used by the PORTGPB register.
Note 1: MCP19125 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com