Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 112 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 112 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 108Page - Microchip Technology MCP19124 Datasheet HTML 109Page - Microchip Technology MCP19124 Datasheet HTML 110Page - Microchip Technology MCP19124 Datasheet HTML 111Page - Microchip Technology MCP19124 Datasheet HTML 112Page - Microchip Technology MCP19124 Datasheet HTML 113Page - Microchip Technology MCP19124 Datasheet HTML 114Page - Microchip Technology MCP19124 Datasheet HTML 115Page - Microchip Technology MCP19124 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 236 page
background image
MCP19124/5
DS20005619A-page 112
 2016 Microchip Technology Inc.
17.2.4
PORTGPB FUNCTIONS AND
OUTPUT PRIORITIES
Each PORTGPB pin is multiplexed with other functions.
The pins, their combined functions and their output
priorities are shown in Table 17-3. For additional
information, refer to the appropriate section in this data
sheet.
GPB0 pin in the PORTGPB register is a true open-drain
pin with no connection back to VDD.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the highest priority.
Analog input functions, such as ADC, and some digital
input functions are not included in the list below. These
inputs are active when the I/O pin is set for Analog
mode using the ANSELB register. Digital output
functions may control the pin when it is in Analog mode,
with the priority shown in Table 17-3.
TABLE 17-3:
PORTGPB OUTPUT
PRIORITY
Pin Name
Function Priority (1)
GPB0
GPB0 (open-drain input/output)
SDA
GPB1
GPB1
VREF2
GPB4
GPB4 (MCP19125 only)
ICSPDAT
GPB5
GPB5 (MCP19125 only)
GPB6
GPB6 (MCP19125 only)
GPB7
GPB7 (MCP19125 only)
CCD2
Note 1: Output function priority listed from lowest
to highest.
REGISTER 17-5:
PORTGPB: PORTGPB REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
U-0
U-0
R/W-x
R/W-x
GPB7 (1)
GPB6 (1)
GPB5 (1)
GPB4 (1)
—
—
GPB1
GPB0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-4
GPB<7:4>: General-Purpose I/O Pin bits
1
= Port pin is > VIH
0
= Port pin is < VIL
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
GPB<1:0>: General-Purpose I/O Pin bits
1
= Port pin is > VIH
0
= Port pin is < VIL
Note 1: MCP19125 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com